Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS8520VA Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części TS8520VA
Szczegółowy opis  Specification of High Power IR Emitting Diode Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS8520VA Arkusz danych(HTML) 1 Page - Vishay Siliconix

  TS8520VA Datasheet HTML 1Page - Vishay Siliconix TS8520VA Datasheet HTML 2Page - Vishay Siliconix TS8520VA Datasheet HTML 3Page - Vishay Siliconix TS8520VA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS8520VA
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 20-Feb-12
1
Document Number: 83473
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Specification of High Power IR Emitting Diode Chip
DESCRIPTION
TS8520VA is a high power infrared, 850 nm surface emitting
diode in GaAlAs technology with high radiant power and
high speed. Polarity confoguration is “n-up”.
FEATURES
• Package type: chip
• Package form: single chip
• Technology: surface emitter
• Dimensions chip (L x W x H in mm):
0.508 x 0.508 x 0.17
• Peak wavelength:
λ = 850 nm
• Compliant
to
RoHS
Directive
2011/65/EU
and
in
accordance to WEEE 2002/96/EC
GENERAL INFORMATION
The datasheet is based on Vishay optoelectronics sample
testing
under
certain
predetermined
and
assumed
conditions, and is provided for illustration purpose only.
Customers are encouraged to perform testing in actual
proposed
packaged
and
used
conditions.
Vishay
optoelectronics die products are tested using Vishay
optoelectronics based quality assurance procedures and
are manufactured using Vishay optoelectronics established
processes. Estimates such as those described and set forth
in this datasheet for semiconductor die will vary depending
on a number of packaging, handling, use, and other factors.
Therefore sold die may not perform on an equivalent basis
to standard package products.
Note
• Test condition see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
PRODUCT SUMMARY
COMPONENT
fe (mW)
ϕ (deg)
λp (nm)
tr (ns)
TS8520VA
75
55
850
15
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TS8520VA-SF-F
Wafer sawn on foil
MOQ: 15 000 pcs
Chip
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Forward current
IF
250
mA
Reverse voltage
VR
5V
Surge forward current
tp = 100 μs
IFSM
1.5
A
Junction temperature
Tj
125
°C
Storage temperature range chip
Tstg1
- 40 to + 125
°C
Storage temperature range on foil
Tstg2
- 20 to + 65
°C
Temperature during packaging
tp < 10 s
280
°C


Podobny numer części - TS8520VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TS8510VB VISHAY-TS8510VB Datasheet
87Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.0, 06-Feb-18
TS8510VB VISHAY-TS8510VB Datasheet
88Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2022
TS8510VB VISHAY-TS8510VB Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
TS8510VB-SD-F VISHAY-TS8510VB-SD-F Datasheet
88Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2022
TS8510VB-SD-F VISHAY-TS8510VB-SD-F Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
More results

Podobny opis - TS8520VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TS9414VB VISHAY-TS9414VB Datasheet
91Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.1, 11-Apr-17
TS8510VB VISHAY-TS8510VB_V01 Datasheet
88Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2022
TS9410VB VISHAY-TS9410VB_V01 Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2022
TS8510VB VISHAY-TS8510VB_V02 Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
TS9410VB VISHAY-TS9410VB_V02 Datasheet
90Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
TS8514VB VISHAY-TS8514VB Datasheet
90Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.0, 11-Apr-17
TS9410VB VISHAY-TS9410VB Datasheet
89Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.2, 23-May-17
TS8514VB VISHAY-TS8514VB_V02 Datasheet
87Kb / 4P
   Specification of High Power IR Emitting Diode Chip
01-Jan-2023
TS8542VA VISHAY-TS8542VA Datasheet
101Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.1, 20-Feb-12
TS8510VB VISHAY-TS8510VB Datasheet
87Kb / 4P
   Specification of High Power IR Emitting Diode Chip
Rev. 1.0, 06-Feb-18
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com