Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9648BCPZ-105 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9648BCPZ-105
Szczegółowy opis  14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9648BCPZ-105 Arkusz danych(HTML) 1 Page - Analog Devices

  AD9648BCPZ-105 Datasheet HTML 1Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 2Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 3Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 4Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 5Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 6Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 7Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 8Page - Analog Devices AD9648BCPZ-105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual
Analog-to-Digital Converter
AD9648
Rev.
0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©
2011 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog supply operation
1.8 V CMOS or LVDS outputs
SNR = 74.5 dBFS @ 70 MHz
SFDR = 91 dBc @ 70 MHz
Low power: 78 mW/channel ADC core @ 125 MSPS
Differential analog input with 650 MHz bandwidth
IF sampling frequencies to 200 MHz
On-chip voltage reference and sample-and-hold circuit
2 V p-p differential analog input
DNL = ±0.35 LSB
Serial port control options
Offset binary, gray code, or twos complement data format
Optional clock duty cycle stabilizer
Integer 1-to-8 input clock divider
Data output multiplex option
Built-in selectable digital test pattern generation
Energy-saving power-down modes
Data clock out with programmable clock and data
alignment
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers
GSM, EDGE, W-CDMA, LTE,
CDMA2000, WiMAX, TD-SCDMA
I/Q demodulation systems
Smart antenna systems
Broadband data applications
Battery-powered instruments
Hand held scope meters
Portable medical imaging
Ultrasound
Radar/LIDAR
1This product is protected by a U.S patent.
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VREF
SENSE
VCM
RBIAS
VIN–B
VIN+B
ORA
D0A
D13A
DCOA
DRVDD
ORB
D13B
D0B
DCOB
SDIO
AGND
AVDD
SCLK
SPI
PROGRAMMING DATA
PDWN DFS
CLK+ CLK–
MODE
CONTROLS
DCS
DUTY CYCLE
STABILIZER
SYNC
DIVIDE
1 TO 8
OEB
CSB
REF
SELECT
ADC
ADC
AD9648
NOTES
1. PIN NAMES ARE FOR THE CMOS PIN CONFIGURATION ONLY;
SEE FIGURE 7 FOR LVDS PIN NAMES.
Figure 1.
PRODUCT HIGHLIGHTS
1. The AD96481 operates from a single 1.8 V analog
power supply and features a separate digital output
driver supply to accommodate 1.8 V CMOS or LVDS
logic families.
2. The patented sample-and-hold circuit maintains
excellent performance for input frequencies up to
200 MHz and is designed for low cost, low power, and
ease of use.
3. A standard serial port interface supports various
product features and functions, such as data output
formatting, internal clock divider, power-down,
DCO/data timing and offset adjustments.
4. The AD9648 is packaged in a 64-lead RoHS compliant
LFCSP that is pin compatible with the AD9650/
AD9269/AD9268 16-bit ADC, the AD9258 14-bit
ADC, the AD9628/AD9231 12-bit ADCs, and the
AD9608/AD9204 10-bit ADCs, enabling a simple
migration path between 10-bit and 16-bit converters
sampling from 20 MSPS to 125 MSPS.


Podobny numer części - AD9648BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9648BCPZ-105 AD-AD9648BCPZ-105 Datasheet
2Mb / 42P
   Analog-to-Digital Converter
More results

Podobny opis - AD9648BCPZ-105

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com