Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5467-ISZ Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS5467-ISZ
Szczegółowy opis  Four-channel Power/Energy IC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467-ISZ Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS5467-ISZ Datasheet HTML 3Page - Cirrus Logic CS5467-ISZ Datasheet HTML 4Page - Cirrus Logic CS5467-ISZ Datasheet HTML 5Page - Cirrus Logic CS5467-ISZ Datasheet HTML 6Page - Cirrus Logic CS5467-ISZ Datasheet HTML 7Page - Cirrus Logic CS5467-ISZ Datasheet HTML 8Page - Cirrus Logic CS5467-ISZ Datasheet HTML 9Page - Cirrus Logic CS5467-ISZ Datasheet HTML 10Page - Cirrus Logic CS5467-ISZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
CS5467
DS714F3
7
3. CHARACTERISTICS & SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
ANALOG CHARACTERISTICS
• Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
• Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
• VA+ = VD+ = 5 V ±5%; AGND = DGND = 0 V; VREFIN = +2.5 V. All voltages with respect to 0 V.
• DCLK = 4.096 MHz.
Notes: 1. Applies when the HPF option is enabled.
2. Applies when the line frequency is equal to the product of the output word rate (OWR) and the value of
Epsilon.
Parameter
Symbol
Min
Typ
Max
Unit
Positive Digital Power Supply
VD+
3.135
5.0
5.25
V
Positive Analog Power Supply
VA+
4.75
5.0
5.25
V
Voltage Reference
VREFIN
-
2.5
-
V
Specified Temperature Range
TA
-40
-
+85
°C
Parameter
Symbol
Min
Typ
Max
Unit
Accuracy
Active Power
All Gain Ranges
(Note 1)
Input Range 0.1% - 100%
PACTIVE
-±0.1
-
%
Reactive Power
All Gain Ranges
(Note 1 and 2)
Input Range 0.1% - 100%
QAVG
-±0.2
-
%
Power Factor
All Gain Ranges
(Note 1 and 2)
Input Range 1.0% - 100%
Input Range 0.1% - 1.0%
PF
-
-
±0.2
±0.27
-
-
%
%
Current RMS
All Gain Ranges
(Note 1)
Input Range 1.0% - 100%
Input Range 0.1% - 1.0%
IRMS
-
-
±0.1
±0.17
-
-
%
%
%
Voltage RMS
All Gain Ranges
(Note 1)
Input Range 5% - 100%
VRMS
-±0.1
-
%
Analog Inputs (All Inputs)
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Common Mode + Signal
-0.25
-
VA+
V
Analog Inputs (Current Inputs)
Differential Input Range
(Gain = 10)
[(IIN+) – (IIN-)]
(Gain = 50)
IIN
-
-
500
100
-
-
mVP-P
mVP-P
Total Harmonic Distortion
(Gain = 50)
THD
80
94
-
dB
Crosstalk from Voltage input at Full Scale
(50, 60 Hz)
--115
-
dB
Input Capacitance
IC
-
27
-
pF
Effective Input Impedance
EII
30
-
-
k
Noise (Referred to Input)
(Gain = 10)
(Gain = 50)
NI
-
-
-
-
22.5
4.5
µVrms
µVrms
Offset Drift (Without the High-pass Filter)
OD
-
4.0
-
µV/°C
Gain Error
(Note 3)
GE
-
±0.4
%


Podobny numer części - CS5467-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
746Kb / 46P
   Four-channel Power/Energy IC
CS5467-ISZ CIRRUS-CS5467-ISZ Datasheet
750Kb / 46P
   Four-channel Power / Energy IC
More results

Podobny opis - CS5467-ISZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5467 CIRRUS-CS5467_07 Datasheet
750Kb / 46P
   Four-channel Power / Energy IC
CS5467 CIRRUS-CS5467 Datasheet
746Kb / 46P
   Four-channel Power/Energy IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
   Four Channel Energy Measurement IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
   Four Channel Energy Measurement IC
CS5464 CIRRUS-CS5464_07 Datasheet
867Kb / 46P
   Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464_11 Datasheet
484Kb / 46P
   Three-channel, Single-phase Power/Energy IC
CS5464 CIRRUS-CS5464 Datasheet
795Kb / 46P
   Three-channel, Single-phase Power/Energy IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com