Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24M01_1110 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części CAT24M01_1110
Szczegółowy opis  1 Mb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24M01_1110 Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button CAT24M01_1110 Datasheet HTML 2Page - ON Semiconductor CAT24M01_1110 Datasheet HTML 3Page - ON Semiconductor CAT24M01_1110 Datasheet HTML 4Page - ON Semiconductor CAT24M01_1110 Datasheet HTML 5Page - ON Semiconductor CAT24M01_1110 Datasheet HTML 6Page - ON Semiconductor CAT24M01_1110 Datasheet HTML 7Page - ON Semiconductor CAT24M01_1110 Datasheet HTML 8Page - ON Semiconductor CAT24M01_1110 Datasheet HTML 9Page - ON Semiconductor CAT24M01_1110 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT24M01
http://onsemi.com
6
WRITE OPERATIONS
Byte Write
In Byte Write mode the Master sends a START, followed
by Slave address, two byte address and data to be written
(Figure 6). The Slave acknowledges all 4 bytes, and the
Master then follows up with a STOP, which in turn starts the
internal Write operation (Figure 7). During internal Write,
the Slave will not acknowledge any Read or Write request
from the Master.
Page Write
The CAT24M01 contains 131,072 bytes of data, arranged
in 512 pages of 256 bytes each. The most significant 9 bits
of the address word (a16 from the Slave Address byte and
most significant Address byte) identify the page and the last
8 bits identify the byte within the page. The 17−bit address
word (a16 from the Slave Address byte followed by two
address bytes) points to the first byte to be written. Up to 256
bytes can be written in one Write cycle (Figure 8).
The internal byte address counter is automatically
incremented after each data byte is loaded. If the Master
transmits more than 256 data bytes, then earlier bytes will be
overwritten by later bytes in a ‘wrap−around’ fashion
(within the selected page). The internal Write cycle starts
immediately following the STOP.
During an internal Write operation, new data provided
by Byte Write or Page Write instructions will replace data
previously stored at the corresponding address locations,
while data stored at all other address locations within the
same page will be refreshed. Thus, whether writing one
byte or 256 bytes to a page, the entire page will be
reprogrammed with the corresponding combination of
new and old data.
Acknowledge Polling
Acknowledge polling can be used to determine if the
CAT24M01 is busy writing or is ready to accept commands.
Polling is implemented by interrogating the device with a
‘Selective Read’ command (see READ OPERATIONS).
The CAT24M01 will not acknowledge the Slave address,
as long as internal Write is in progress.
Hardware Write Protection
With the WP pin held HIGH, the entire memory is
protected against Write operations. If the WP pin is left
floating or is grounded, it has no impact on the operation of
the CAT24M01. The state of the WP pin is strobed on the last
falling edge of SCL immediately preceding the first data
byte (Figure 9). If the WP pin is HIGH during the strobe
interval, the CAT24M01 will not acknowledge the data byte
and the Write request will be rejected.
Delivery State
The CAT24M01 is shipped erased, i.e., all bytes are FFh.


Podobny numer części - CAT24M01_1110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
More results

Podobny opis - CAT24M01_1110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT24M01HU5I-GT3 ONSEMI-CAT24M01HU5I-GT3 Datasheet
179Kb / 14P
   1 Mb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 3
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAT25M01 ONSEMI-CAT25M01 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT25M01YI-GT3 ONSEMI-CAT25M01YI-GT3 Datasheet
180Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01 Datasheet
178Kb / 14P
   1 Mb I2C CMOS Serial EEPROM 256?묪yte Page Write Buffer
May, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com