Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N1200A Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części 1N1200A
Szczegółowy opis  Medium Power Silicon Rectifier Diodes, 12 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1200A Arkusz danych(HTML) 5 Page - Vishay Siliconix

  1N1200A Datasheet HTML 1Page - Vishay Siliconix 1N1200A Datasheet HTML 2Page - Vishay Siliconix 1N1200A Datasheet HTML 3Page - Vishay Siliconix 1N1200A Datasheet HTML 4Page - Vishay Siliconix 1N1200A Datasheet HTML 5Page - Vishay Siliconix 1N1200A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 95311
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 30-Jun-08
1
DO-203AA (DO-4)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
3.30 (0.13)
4.00 (0.16)
5.50 (0.22) MIN.
10.20 (0.40)
MAX.
11.50 (0.45)
10.70 (0.42)
10/32" UNF-2A
For metric devices: M5 x 0.8
0.8 ± 0.1
(0.03 ± 0.004)
R 0.40
R (0.02)
Ø 6.8 (0.27)
Ø 1.80 ± 0.20
(Ø 0.07 ± 0.01)
3.50 (0.14)
20.30 (0.80) MAX.
11 (0.43)
2
+ 0.3
0
(0.08
)
+ 0.01
0


Podobny numer części - 1N1200A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
1N1200A DIOTEC-1N1200A Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
logo
International Rectifier
1N1200A IRF-1N1200A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1200A VISHAY-1N1200A Datasheet
140Kb / 5P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
logo
Diotec Semiconductor
1N1200A DIOTEC-1N1200A Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
logo
America Semiconductor, ...
1N1200A AMERICASEMI-1N1200A Datasheet
419Kb / 2P
   DO4 STUD DEVICES STANDARD RECTIFIER
More results

Podobny opis - 1N1200A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A Datasheet
140Kb / 5P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
01-Jan-2022
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
Revision: 18-May-15
logo
International Rectifier
1N1199A IRF-1N1199A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Microsemi Corporation
30S MICROSEMI-30S Datasheet
82Kb / 2P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
30S NJSEMI-30S Datasheet
54Kb / 1P
   3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
New Jersey Semi-Conduct...
2CL2 NJSEMI-2CL2 Datasheet
51Kb / 1P
   HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com