Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD914-V Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części MMBD914-V
Szczegółowy opis  Small Signal Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBD914-V Arkusz danych(HTML) 1 Page - Vishay Siliconix

  MMBD914-V Datasheet HTML 1Page - Vishay Siliconix MMBD914-V Datasheet HTML 2Page - Vishay Siliconix MMBD914-V Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBD914-V
Document Number 85734
Rev. 1.4, 05-Aug-10
Vishay Semiconductors
www.vishay.com
1
12
3
16923
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Switching Diode
Features
• Silicon Epitaxial Planar Diode
• Fast switching diode in case SOT-23,
especially suited for automatic insertion.
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
Mechanical Data
Case: SOT-23
Weight: approx. 8.8 mg
Packaging codes/options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Marking
Remarks
MMBD914-V
MMBD914-V-GS18 or MMBD914-V-GS08
5D
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage
VRM
100
V
Maximum average forward
rectified current
IF(AV)
200
mA
Maximum power dissipation
Tamb = 25 °C
Ptot
225
mW
Parameter
Test condition
Symbol
Value
Unit
Maximum junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 55 to +150
°C


Podobny numer części - MMBD914-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MMBD914-V VISHAY-MMBD914-V Datasheet
99Kb / 4P
   Small Signal Switching Diode
Rev. 1.3, 07-Apr-05
MMBD914-V-GS08 VISHAY-MMBD914-V-GS08 Datasheet
99Kb / 4P
   Small Signal Switching Diode
Rev. 1.3, 07-Apr-05
MMBD914-V-GS18 VISHAY-MMBD914-V-GS18 Datasheet
99Kb / 4P
   Small Signal Switching Diode
Rev. 1.3, 07-Apr-05
More results

Podobny opis - MMBD914-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com