Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD263C36S50L Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SD263C36S50L
Szczegółowy opis  Fast Recovery Diodes (Hockey PUK Version), 375 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD263C36S50L Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SD263C36S50L Datasheet HTML 1Page - Vishay Siliconix SD263C36S50L Datasheet HTML 2Page - Vishay Siliconix SD263C36S50L Datasheet HTML 3Page - Vishay Siliconix SD263C36S50L Datasheet HTML 4Page - Vishay Siliconix SD263C36S50L Datasheet HTML 5Page - Vishay Siliconix SD263C36S50L Datasheet HTML 6Page - Vishay Siliconix SD263C36S50L Datasheet HTML 7Page - Vishay Siliconix SD263C36S50L Datasheet HTML 8Page - Vishay Siliconix SD263C36S50L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 93173
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD263C..S50L Series
Fast Recovery Diodes
(Hockey PUK Version), 375 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.012
0.011
0.008
0.008
TJ = TJ maximum
K/W
120°
0.014
0.015
0.014
0.014
90°
0.018
0.018
0.019
0.019
60°
0.026
0.027
0.027
0.028
30°
0.045
0.046
0.046
0.046
10
20
30
40
50
60
70
80
90
100
110
120
130
05 0
1 0 0
15 0
2 00
2 5 0
30 0
30 °
60°
90°
120°
180°
Average Forward Cur ren t (A)
Co nd uc tio n A ng le
SD2 63C..S50L Series
(Sin gle Side Cooled)
R
(DC) = 0 .11 K/W
thJ -hs
10
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
5 0 1 00 1 5 0 2 00 250 3 00 350 4 00 4 5 0
30 °
60 °
90°
18 0 °
DC
120 °
A v e rag e Fo rw ard C u rr e n t ( A )
Cond uctio n Pe rio d
SD 2 6 3 C ..S5 0 L Se rie s
(Sin gle S id e C o o le d )
R
( D C ) = 0 .1 1 K / W
th J -hs
10
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
0
1 00
2 0 0
3 00
40 0
5 0 0
30°
60 ° 90°
120 °
180 °
A v e r a g e Fo rw a rd C u rre n t ( A )
Co nd uc tio n A ng le
SD 2 6 3 C ..S 5 0 L S e rie s
(D o ub le Sid e C o o le d )
R
( D C ) = 0 .0 5 K / W
th J- hs
10
20
30
40
50
60
70
80
90
100
110
120
130
020 0
40 0
60 0
80 0
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
C o nd uc tion Pe riod
SD263 C..S50L Series
(D ouble Side Cooled)
R
(DC) = 0 .05 K/W
thJ -hs


Podobny numer części - SD263C36S50L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD263C36S50L VISHAY-SD263C36S50L Datasheet
204Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
More results

Podobny opis - SD263C36S50L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-SD263CS50L VISHAY-VS-SD263CS50L_V01 Datasheet
237Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
01-Jan-2022
SD263C30S50L VISHAY-SD263C30S50L Datasheet
204Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 14-May-08
VS-SD263CS50L VISHAY-VS-SD263CS50L Datasheet
258Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 375 A
Revision: 04-Apr-14
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com