Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD300C12C Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części SD300C12C
Szczegółowy opis  Standard Recovery Diodes (Hockey PUK Version), 650 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD300C12C Arkusz danych(HTML) 4 Page - Vishay Siliconix

  SD300C12C Datasheet HTML 1Page - Vishay Siliconix SD300C12C Datasheet HTML 2Page - Vishay Siliconix SD300C12C Datasheet HTML 3Page - Vishay Siliconix SD300C12C Datasheet HTML 4Page - Vishay Siliconix SD300C12C Datasheet HTML 5Page - Vishay Siliconix SD300C12C Datasheet HTML 6Page - Vishay Siliconix SD300C12C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93544
4
Revision: 14-May-08
SD300C..C Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version), 650 A
Fig. 7 - Current Ratings Characteristics
Fig. 8 - Current Ratings Characteristics
Fig. 9 - Forward Power Loss Characteristics
Fig. 10 - Forward Power Loss Characteristics
Fig. 11 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 12 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
20
30
40
50
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
1 0 0
2 0 0
3 00
40 0
5 0 0
6 0 0
70 0
30°
60°
90°
120°
180°
Average Forward Current ( A)
Co nd uc tio n A ng le
SD30 0C..C Series (2 500V to 3200 V)
(Double Side Cooled)
R
(DC) = 0 .07 3 K/W
th J -h s
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
2 00
400
6 00
800
1 00 0
30°
60°
90 °
180 °
DC
120 °
A v e rag e Fo rw ard C u rre n t ( A )
Co nd uct io n Pe rio d
SD 30 0C ..C S e rie s ( 2500 V t o 320 0 V )
( D ou b le Sid e C o oled )
R
( D C ) = 0 .0 7 3 K / W
th J -hs
0
200
400
600
800
10 0 0
12 0 0
14 0 0
16 0 0
18 0 0
020 0
4 0 0
6 00
80 0
180°
120°
90°
60°
30°
RMS Lim it
Co nd uctio n A ng le
Aver age Forward Curren t (A)
SD300C..C Series
T = T
m ax.
J
J
0
500
10 0 0
15 0 0
20 0 0
25 0 0
0
2 00
4 0 0
6 00
80 0
1 00 0
1 2 0 0
DC
180 °
120 °
90°
60°
30°
RM S L im it
Co nd uc tio n Pe rio d
Av e ra g e F o rw a rd C u rre n t ( A )
SD 3 0 0 C ..C Se rie s
T = T
m a x .
J
J
15 0 0
20 0 0
25 0 0
30 0 0
35 0 0
40 0 0
45 0 0
50 0 0
55 0 0
60 0 0
0
0
1
0
1
1
N um b e r O f E q ua l A m p litud e H a lf C y cle Cu rren t Pulse s (N )
SD 3 0 0 C ..C Se rie s
In it ia l T = T m a x.
@ 60 H z 0.008 3 s
@ 50 H z 0.010 0 s
JJ
At An y R a te d L o a d C o n d it io n An d W ith
R a t e d V
A p p lie d Fo llo w in g Su rg e .
RR M
1000
2000
3000
4000
5000
6000
7000
0.01
0.1
1
Pu lse T ra in D u ra t io n (s)
V e rsu s P u lse T ra in D ura t io n .
M a x im u m N o n R e p e t it iv e Su rg e C u rre n t
SD 300C ..C S e rie s
In it ia l T = T
m a x .
N o V o lt a g e R e a pp lie d
R a t e d V
R e a p p lie d
RRM
J
J


Podobny numer części - SD300C12C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD300C12C VISHAY-SD300C12C Datasheet
139Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 14-May-08
More results

Podobny opis - SD300C12C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD300C04C VISHAY-SD300C04C Datasheet
139Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 14-May-08
VS-SD300CC VISHAY-VS-SD300CC Datasheet
200Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 650 A
Revision: 15-Apr-14
VS-SD300CC VISHAY-VS-SD300CC_V01 Datasheet
184Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 650 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com