Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1053C18S20L Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części SD1053C18S20L
Szczegółowy opis  Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1053C18S20L Arkusz danych(HTML) 6 Page - Vishay Siliconix

Back Button SD1053C18S20L Datasheet HTML 2Page - Vishay Siliconix SD1053C18S20L Datasheet HTML 3Page - Vishay Siliconix SD1053C18S20L Datasheet HTML 4Page - Vishay Siliconix SD1053C18S20L Datasheet HTML 5Page - Vishay Siliconix SD1053C18S20L Datasheet HTML 6Page - Vishay Siliconix SD1053C18S20L Datasheet HTML 7Page - Vishay Siliconix SD1053C18S20L Datasheet HTML 8Page - Vishay Siliconix SD1053C18S20L Datasheet HTML 9Page - Vishay Siliconix SD1053C18S20L Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93167
6
Revision: 14-May-08
SD1053C..L Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
920/1050 A
Fig. 17 - Forward Voltage Drop Characteristics
Fig. 18 - Forward Voltage Drop Characteristics
Fig. 19 - Thermal Impedance ZthJ-hs Characteristic
Fig. 20 - Typical Forward Recovery Characteristics
Fig. 21 - Typical Forward Recovery Characteristics
100
1000
10000
11.5
2
2.5
33.5
44.5
5
T = 25°C
J
InstantaneousForward Voltage (V)
T = 150°C
J
SD1053C..S20L Series
100
1000
10000
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5
T = 25°C
J
Instantaneous Forwa rd Voltage (V)
SD1053C..S30L Series
T = 150°C
J
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.073 K/ W
(Single Side Cooled)
R
= 0.031 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
SD1053C..S20/ S30L Series
0
20
40
60
80
100
0
400
800
1200
1600
2000
T = 25°C
J
T = 150°C
J
SD1053C..S20L Series
Rate Of Rise Of Forward Current - di/ dt (A/ us)
I
V
FP
0
40
80
120
160
0
400
800
1200
1600
2000
T = 25°C
J
T = 150°C
J
SD1053C..S30L Series
Rate Of Rise Of Forward Current - di/ dt (A/ us)
I
V
FP


Podobny numer części - SD1053C18S20L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Podobny opis - SD1053C18S20L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-SD1053CL VISHAY-VS-SD1053CL Datasheet
472Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 15-Feb-17
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
VS-SD1053CL VISHAY-VS-SD1053CL_V01 Datasheet
482Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920 A, 1050 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com