Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1053C25S20L Arkusz danych(PDF) 11 Page - Vishay Siliconix

Numer części SD1053C25S20L
Szczegółowy opis  Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1053C25S20L Arkusz danych(HTML) 11 Page - Vishay Siliconix

Back Button SD1053C25S20L Datasheet HTML 4Page - Vishay Siliconix SD1053C25S20L Datasheet HTML 5Page - Vishay Siliconix SD1053C25S20L Datasheet HTML 6Page - Vishay Siliconix SD1053C25S20L Datasheet HTML 7Page - Vishay Siliconix SD1053C25S20L Datasheet HTML 8Page - Vishay Siliconix SD1053C25S20L Datasheet HTML 9Page - Vishay Siliconix SD1053C25S20L Datasheet HTML 10Page - Vishay Siliconix SD1053C25S20L Datasheet HTML 11Page - Vishay Siliconix SD1053C25S20L Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Document Number: 95246
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 05-Nov-07
1
DO-200AB (B-PUK)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
53 (2.09) DIA. MAX.
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see Thermal and Mechanical Specifications)
3.5 (0.14) DIA. NOM. x
1.8 (0.07) deep MIN. both ends
0.8 (0.03)
both ends
34 (1.34) DIA. MAX.
2 places


Podobny numer części - SD1053C25S20L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1053C25S20L VISHAY-SD1053C25S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Podobny opis - SD1053C25S20L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-SD1053CL VISHAY-VS-SD1053CL Datasheet
472Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 15-Feb-17
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
VS-SD1053CL VISHAY-VS-SD1053CL_V01 Datasheet
482Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920 A, 1050 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com