Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1100C16C Arkusz danych(PDF) 7 Page - Vishay Siliconix

Numer części SD1100C16C
Szczegółowy opis  Standard Recovery Diodes (Hockey PUK Version), 1400 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1100C16C Arkusz danych(HTML) 7 Page - Vishay Siliconix

  SD1100C16C Datasheet HTML 1Page - Vishay Siliconix SD1100C16C Datasheet HTML 2Page - Vishay Siliconix SD1100C16C Datasheet HTML 3Page - Vishay Siliconix SD1100C16C Datasheet HTML 4Page - Vishay Siliconix SD1100C16C Datasheet HTML 5Page - Vishay Siliconix SD1100C16C Datasheet HTML 6Page - Vishay Siliconix SD1100C16C Datasheet HTML 7Page - Vishay Siliconix SD1100C16C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95249
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 26-Nov-07
1
B-43
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
40.5 (1.59) DIA. MAX.
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see Thermal and Mechanical Specifications)
3.5 (0.14) DIA. NOM. x
1.8 (0.07) deep MIN. both ends
0.8 (0.03) MIN.
both ends
25.3 (1) DIA. MAX.
2 places


Podobny numer części - SD1100C16C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
SD1100C16C IRF-SD1100C16C Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD1100C16C VISHAY-SD1100C16C Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
More results

Podobny opis - SD1100C16C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1100C04C VISHAY-SD1100C04C Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
VS-SD1100CC VISHAY-VS-SD1100CC Datasheet
214Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-Jan-14
VS-SD1100CC VISHAY-VS-SD1100CC_V01 Datasheet
193Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com