Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD1700C40K Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SD1700C40K
Szczegółowy opis  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1700C40K Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SD1700C40K Datasheet HTML 1Page - Vishay Siliconix SD1700C40K Datasheet HTML 2Page - Vishay Siliconix SD1700C40K Datasheet HTML 3Page - Vishay Siliconix SD1700C40K Datasheet HTML 4Page - Vishay Siliconix SD1700C40K Datasheet HTML 5Page - Vishay Siliconix SD1700C40K Datasheet HTML 6Page - Vishay Siliconix SD1700C40K Datasheet HTML 7Page - Vishay Siliconix SD1700C40K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 93539
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD1700C..K Series
Standard Recovery Diodes
(Hockey PUK Version),
2100 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Current Ratings Characteristics
Fig. 6 - Current Ratings Characteristics
40
50
60
70
80
90
100
110
120
130
140
150
0
2 00
400
6 00
800 1 00 0 1 200 1400
30°
60°
90 °
12 0°
180°
Avera ge Forward Current (A)
SD170 0C..K Ser ies (2 400V to 3 600V )
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ -hs
Co n d uc tion An g le
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
5 00
10 00
15 00
2 0 00
250 0
30 °
60°
90°
180 °
DC
120°
A v e rag e Fo rw ard C u rre n t ( A )
Co nd uc tio n Period
S D 1 7 0 0 C ..K S e rie s ( 2 4 0 0 V t o 3 6 0 0 V )
( S in g le S id e C o oled )
R
( D C ) = 0.042 K / W
th J- hs
30
40
50
60
70
80
90
100
110
120
130
140
150
0
5 00
1000
1500
20 00
2500
30°
60°
90 °
120°
180°
Average Forw ard Current (A)
SD17 00C..K Series (2400 V to 3600 V)
(Double Side Cooled)
R
(DC) = 0.020 K/W
thJ -h s
Co nd uc tio n A ng le
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
1 000
2 000
3 000
4 0 0 0
30 °
60 °
90°
180 °
DC
120 °
A v e rag e Fo rw ard C u rre n t ( A )
S D 170 0 C ..K S e ries ( 2 400 V t o 3 6 00V )
(D o ub le S id e C o o le d )
R
( D C ) = 0 .0 2 0 K /W
th J- hs
Co n d uc tio n P erio d
40
50
60
70
80
90
100
110
120
130
140
150
0
2 00
4 0 0
6 00
800 1 00 0 1 200 1 40 0
30 °
60°
90 °
12 0 °
180 °
A v e rag e Fo r w ard C u rre n t ( A )
Co nd uc tio n An gle
(S in g le Sid e C o o le d )
R
( D C ) = 0 .0 4 2 K /W
thJ -hs
S D 17 00C ..K S e rie s ( 4 000V to 4500V )
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
4 00
800
1 200
1 600
2 00 0
30°
60 °
90 °
180°
DC
120°
Average Forward Current (A)
Co nd uctio n Pe rio d
(Sin gle Side Cooled)
R
(DC) = 0.04 2 K/W
th J- hs
SD 170 0C..K Series ( 4000V to 450 0V)


Podobny numer części - SD1700C40K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD1700C40K VISHAY-SD1700C40K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
More results

Podobny opis - SD1700C40K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 04-Apr-14
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
SD1700C24K VISHAY-SD1700C24K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
    Standard Recovery Diodes, (Hockey PUK), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
   Standard Recovery Diodes (Hockey PUK), 2100 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com