Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2247G Arkusz danych(PDF) 8 Page - Rohm

Numer części BD2247G
Szczegółowy opis  1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2247G Arkusz danych(HTML) 8 Page - Rohm

Back Button BD2247G Datasheet HTML 4Page - Rohm BD2247G Datasheet HTML 5Page - Rohm BD2247G Datasheet HTML 6Page - Rohm BD2247G Datasheet HTML 7Page - Rohm BD2247G Datasheet HTML 8Page - Rohm BD2247G Datasheet HTML 9Page - Rohm BD2247G Datasheet HTML 10Page - Rohm BD2247G Datasheet HTML 11Page - Rohm BD2247G Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Technical Note
8/13
BD2246G, BD2247G
www.rohm.com
2011.05 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Block Diagram
VIN
GND
EN(/EN)
1
2
3
4
5
/OC
VOUT
Top View
Fig.39 Block diagram
Fig.40 Pin configuration
Pin Description
Pin No.
Symbol
I/O
Function
1
VIN
-
Switch input and the supply voltage for the IC.
2
GND
-
Ground.
3
EN, /EN
I
Enable input.
EN: High level input turns on the switch. (BD2246G)
/EN: Low level input turns on the switch. (BD2247G)
4
/OC
O
Over-current notification terminal.
Low level output during over-current or over-temperature condition.
Open-drain fault flag output.
5
VOUT
O
Switch output.
I/O Circuit
Symbol
Pin No.
Equivalent Circuit
EN
(/EN)
3
EN
(/EN)
VOUT
5
VOUT
/OC
4
/OC
Over-current
Protection
Under-voltage
Lockout
Delay
Counter
Charge
Pump
Thermal
Shutdown
EN(/EN)
VIN
/OC
GND
VOUT
/EN
Reverse current
Protection


Podobny numer części - BD2247G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2247G-GTR ROHM-BD2247G-GTR Datasheet
1Mb / 27P
   0.75A Current Limit High Side Switch ICs
More results

Podobny opis - BD2247G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com