Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM340T-5 Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części LM340T-5
Szczegółowy opis  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM340T-5 Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button LM340T-5 Datasheet HTML 7Page - Motorola, Inc LM340T-5 Datasheet HTML 8Page - Motorola, Inc LM340T-5 Datasheet HTML 9Page - Motorola, Inc LM340T-5 Datasheet HTML 10Page - Motorola, Inc LM340T-5 Datasheet HTML 11Page - Motorola, Inc LM340T-5 Datasheet HTML 12Page - Motorola, Inc LM340T-5 Datasheet HTML 13Page - Motorola, Inc LM340T-5 Datasheet HTML 14Page - Motorola, Inc LM340T-5 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC7800, MC7800A, LM340, LM340A Series
11
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 27 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7818AC
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
17.64
18
18.36
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
17.3
18
18.7
Vdc
21 Vdc
≤ Vin ≤ 33 Vdc
Line Regulation (Note 2)
Regline
mV
21 Vdc
≤ Vin ≤ 33 Vdc, IO = 500 mA
9.5
22
24 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A
3.2
25
24 Vdc
≤ Vin ≤ 30 Vdc, IO = 1.0 A, TJ = 25°C
3.2
10.5
20.6 Vdc
≤ Vin ≤ 33 Vdc, IO = 1.0 A, TJ = 25°C
8.0
22
Load Regulation (Note 2)
Regload
mV
5.0 mA
≤ IO ≤ 1.5 A, TJ = 25°C
2.0
25
5.0 mA
≤ IO ≤ 1.0 A
1.8
25
250 mA
≤ IO ≤ 750 mA
1.5
15
Quiescent Current
IB
3.5
6.0
mA
Quiescent Current Change
∆IB
mA
21 Vdc
≤ Vin ≤ 33 Vdc, IO = 500 mA
0.8
21.5 Vdc
≤ Vin ≤ 30 Vdc, TJ = 25°C
0.8
5.0 mA
≤ IO ≤ 1.0 A
0.5
Ripple Rejection
RR
53
57
dB
22 Vdc
≤ Vin ≤ 32 Vdc, f = 120 Hz, IO = 500 mA
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI – VO
2.0
Vdc
Output Noise Voltage (TA = 25°C)
Vn
10
µV/VO
10 Hz
≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
1.3
m
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
–1.5
mV/
°C
ELECTRICAL CHARACTERISTICS (Vin = 33 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MC7824C
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
23
24
25
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
22.8
24
25.2
Vdc
27 Vdc
≤ Vin ≤ 38 Vdc
Line Regulation, (Note 2)
Regline
mV
27 Vdc
≤ Vin ≤ 38 Vdc
2.7
60
30 Vdc
≤ Vin ≤ 36 Vdc
2.7
48
Load Regulation, (Note 2)
Regload
4.4
65
mV
5.0 mA
≤ IO ≤ 1.5 A
Quiescent Current
IB
3.6
6.5
mA
Quiescent Current Change
∆IB
mA
27 Vdc
≤ Vin ≤ 38 Vdc
1.0
5.0 mA
≤ IO ≤ 1.0 A
0.5
NOTES: 1. Tlow = –40°C for MC78XXAC, C
Thigh = +125°C for MC78XXAC, C
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Podobny numer części - LM340T-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340T-5.0 TI1-LM340T-5.0 Datasheet
3Mb / 33P
[Old version datasheet]   1.5-A Fixed Voltage Regulators
logo
Motorola, Inc
LM340T-5.0 MOTOROLA-LM340T-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340T-5.0 ONSEMI-LM340T-5.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340T-5.0 NSC-LM340T-5.0 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
More results

Podobny opis - LM340T-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com