Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3DS10224 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3DS10224
Szczegółowy opis  High-Speed 2:4 Differential Multiplexer / Demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DS10224 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TS3DS10224 Datasheet HTML 4Page - Texas Instruments TS3DS10224 Datasheet HTML 5Page - Texas Instruments TS3DS10224 Datasheet HTML 6Page - Texas Instruments TS3DS10224 Datasheet HTML 7Page - Texas Instruments TS3DS10224 Datasheet HTML 8Page - Texas Instruments TS3DS10224 Datasheet HTML 9Page - Texas Instruments TS3DS10224 Datasheet HTML 10Page - Texas Instruments TS3DS10224 Datasheet HTML 11Page - Texas Instruments TS3DS10224 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
f - Frequency - MHz
0
-8
-10
-12
-14
1.00E+06
1.00E+07
1.00E+08
1.00E+09
-6
-2
1.00E+10
-4
Vin - V
6
4
2
0
0
0.5
1
1.5
8
12
2
10
2.5
3
f - Frequency - MHz
0
-60
-80
-100
-120
1.00E+06
1.00E+07
1.00E+08
1.00E+09
-40
-20
1.00E+10
f - Frequency - MHz
0
-70
-80
-90
1.00E+05
1.00E+11
-40
-60
-50
-30
-20
-10
TS3DS10224
SCDS318
– JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (Fan out 1:2 configurations)
Figure 5. ON-Resistance vs. Vout
Figure 6. Insertion loss vs. Frequency
Figure 7. Off Isolation vs. Frequency
Figure 8. Crosstalk vs. Frequency
8
Copyright
© 2011, Texas Instruments Incorporated


Podobny numer części - TS3DS10224

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227 Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227 Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI1-TS3DS26227 Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227YZPR TI-TS3DS26227YZPR Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227YZTR TI-TS3DS26227YZTR Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
More results

Podobny opis - TS3DS10224

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
   1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC7PA53FU TOSHIBA-TC7PA53FU_07 Datasheet
163Kb / 8P
   2-Channel Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F_06 Datasheet
492Kb / 11P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com