Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV036F072M017 Arkusz danych(PDF) 6 Page - Vicor Corporation

Numer części MV036F072M017
Szczegółowy opis  Transformer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F072M017 Arkusz danych(HTML) 6 Page - Vicor Corporation

Back Button MV036F072M017 Datasheet HTML 2Page - Vicor Corporation MV036F072M017 Datasheet HTML 3Page - Vicor Corporation MV036F072M017 Datasheet HTML 4Page - Vicor Corporation MV036F072M017 Datasheet HTML 5Page - Vicor Corporation MV036F072M017 Datasheet HTML 6Page - Vicor Corporation MV036F072M017 Datasheet HTML 7Page - Vicor Corporation MV036F072M017 Datasheet HTML 8Page - Vicor Corporation MV036F072M017 Datasheet HTML 9Page - Vicor Corporation MV036F072M017 Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Transformer
MV036 SERIES
Rev. 2.8
Page 6 of 10
+In / -In DC Voltage Ports
The VTM input should not exceed the maximum specified. Be aware of
this limit in applications where the VTM is being driven above its
nominal output voltage. If less than 26 Vdc is present at the +In and -In
ports, a continuous VC voltage must be applied for the VTM to process
power. Otherwise VC voltage need only be applied for 10 ms after the
voltage at the +In and -In ports has reached or exceeded 26 Vdc. If the
input voltage exceeds the overvoltage turn-off, the VTM will shutdown.
The VTM does not have internal input reverse polarity protection.
Adding a properly sized diode in series with the positive input or a
fused reverse-shunt diode will provide reverse polarity protection.
TM – For Factory Use Only
VC – VTM Control
The VC port is multiplexed. It receives the initial VCC voltage from an
upstream PRM, synchronizing the output rise of the VTM with the
output rise of the PRM. Additionally, the VC port provides feedback to
the PRM to compensate for the VTM output resistance. In typical
applications using VTMs powered from PRMs, the PRM’s VC port
should be connected to the VTM VC port.
In applications where a VTM is being used without a PRM, 14 V must
be supplied to the VC port for as long as the input voltage is below 26 V
and for 10 ms after the input voltage has reached or exceeded 26 V. The
VTM is not designed for extended operation below 26 V. The VC port
should only be used to provide VCC voltage to the VTM during startup.
PC – Primary Control
The Primary Control (PC) port is a multifunction port for controlling the
VTM as follows:
Disable – If PC is left floating, the VTM output is enabled. To
disable the output, the PC port must be pulled lower than 2.4 V,
referenced to -In. Optocouplers, open collector transistors or relays
can be used to control the PC port. Once disabled, 14 V must be
re-applied to the VC port to restart the VTM.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA
at 5 Vdc.
+Out / -Out DC Voltage Output Ports
The output and output return are through two sets of contact
locations. The respective +Out and –Out groups must be connected in
parallel with as low an interconnect resistance as possible.
To take full advantage of the VTM, the user should note the low output
impedance of the device. The low output impedance provides fast
transient response without the need for bulk POL capacitance. Limited-
life electrolytic capacitors required with conventional converters can be
reduced or even eliminated, saving cost and valuable board real estate.
-In
PC
VC
TM
+In
-Out
+Out
-Out
+Out
Bottom View
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
4
3
2
1
A
B
C
D
E
H
J
K
L
M
N
P
R
T
Figure 9 — VTM pin configuration
Signal Name
Pin Designation
+In
A1-E1, A2-E2
–In
L1-T1, L2-T2
TM
H1, H2
VC
J1, J2
PC
K1, K2
+Out
A3-D3, A4-D4,
J3-M3, J4-M4
–Out
E3-H3, E4-H4,
N3-T3, N4-T4


Podobny numer części - MV036F072M017

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
MV036F072M017 VICOR-MV036F072M017 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   High density
MV036F072M017 VICOR-MV036F072M017 Datasheet
1Mb / 10P
   MV036 SERIES
MV036F072M017** VICOR-MV036F072M017* Datasheet
1Mb / 10P
   MV036 SERIES
More results

Podobny opis - MV036F072M017

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
   VDSL TRANSFORMER VDSL TRANSFORMER
logo
Bel Fuse Inc.
0559-3855-00 BEL-0559-3855-00 Datasheet
56Kb / 1P
   TRANSFORMER
logo
SCHOTT CORPORATION
22632 SCHOTT-22632 Datasheet
13Kb / 1P
   TRANSFORMER
logo
Wurth Elektronik GmbH &...
750871032 WURTH-750871032 Datasheet
54Kb / 1P
   TRANSFORMER
MIC38121-5356X-LF3 WURTH-MIC38121-5356X-LF3 Datasheet
354Kb / 2P
   TRANSFORMER
750310349 WURTH-750310349 Datasheet
167Kb / 1P
   TRANSFORMER
750310617 WURTH-750310617 Datasheet
186Kb / 1P
   TRANSFORMER
750310799 WURTH-750310799 Datasheet
203Kb / 1P
   TRANSFORMER
750310926 WURTH-750310926 Datasheet
139Kb / 1P
   TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com