Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV036F240M005 Arkusz danych(PDF) 5 Page - Vicor Corporation

Numer części MV036F240M005
Szczegółowy opis  Transformer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F240M005 Arkusz danych(HTML) 5 Page - Vicor Corporation

  MV036F240M005 Datasheet HTML 1Page - Vicor Corporation MV036F240M005 Datasheet HTML 2Page - Vicor Corporation MV036F240M005 Datasheet HTML 3Page - Vicor Corporation MV036F240M005 Datasheet HTML 4Page - Vicor Corporation MV036F240M005 Datasheet HTML 5Page - Vicor Corporation MV036F240M005 Datasheet HTML 6Page - Vicor Corporation MV036F240M005 Datasheet HTML 7Page - Vicor Corporation MV036F240M005 Datasheet HTML 8Page - Vicor Corporation MV036F240M005 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Transformer
MV036 SERIES
Rev. 2.8
Page 5 of 10
Parameter
Min
Typ
Max
Unit
Note
Primary Control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
VC voltage must be applied when module is enabled using PC
Current limit
2.4
2.5
2.9
mA
Source only
Disable delay time
6
µs
PC low to Vout low
VTM Control (VC)
External boost voltage
12
14
19
Vdc
Required for VTM start up without PRM
External boost duration
10
ms
Vin > 26 Vdc. VC must be applied continuously
if Vin < 26 Vdc.
Auxiliary Pins (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 7 — Example load step with 100 µF input capacitance and no
output capacitance (MV036F120M010).
Figure 8 — Example load step with 100 µF input capacitance and no
output capacitance (MV036F120M010).
Electrical Specifications (continued)
Parameter
Min
Typ
Max
Unit
Note
MTBF (MV036F030M040)
MIL-HDBK-217F
4,480,000
Hours
25°C, GB
806,000
50°C NS
631,000
65°C AIC
Isolation specifications
Voltage
2,250
Vdc
Input to Output
Capacitance
3000
pF
Input to Output
Resistance
10
M
Ω
Input to Output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Mark
Low voltage directive
Mechanical
See Mechanical Drawings, Figures 10 & 11
Weight
0.53/ 15
oz /g
Dimensions
Length
1.28/ 32,5
in / mm
Width
0.87 / 22
in / mm
Height
0.265 / 6,73
in / mm
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
9.3
Ws / °C
Junction-to-case thermal impedance (RθJC)1.1
°C / W
Junction-to-ambient
5.0
°C / W
With 0.25” heat sinkˆ
Junction-to-board thermal impedance (RθJB)
2.1
°C/W
General


Podobny numer części - MV036F240M005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
MV036F240M005 VICOR-MV036F240M005 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F240M005 VICOR-MV036F240M005 Datasheet
1Mb / 10P
   High density
MV036F240M005 VICOR-MV036F240M005 Datasheet
1Mb / 10P
   MV036 SERIES
More results

Podobny opis - MV036F240M005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
   VDSL TRANSFORMER VDSL TRANSFORMER
logo
Bel Fuse Inc.
0559-3855-00 BEL-0559-3855-00 Datasheet
56Kb / 1P
   TRANSFORMER
logo
SCHOTT CORPORATION
22632 SCHOTT-22632 Datasheet
13Kb / 1P
   TRANSFORMER
logo
Wurth Elektronik GmbH &...
750871032 WURTH-750871032 Datasheet
54Kb / 1P
   TRANSFORMER
MIC38121-5356X-LF3 WURTH-MIC38121-5356X-LF3 Datasheet
354Kb / 2P
   TRANSFORMER
750310349 WURTH-750310349 Datasheet
167Kb / 1P
   TRANSFORMER
750310617 WURTH-750310617 Datasheet
186Kb / 1P
   TRANSFORMER
750310799 WURTH-750310799 Datasheet
203Kb / 1P
   TRANSFORMER
750310926 WURTH-750310926 Datasheet
139Kb / 1P
   TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com