Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1G Arkusz danych(PDF) 1 Page - Tiger Electronic Co.,Ltd

Numer części ES1G
Szczegółowy opis  1.0AMP ULTRA FAST SURFACE MOUNT RECTIFIERS / REVERSE VOLTAGE 50 TO 600 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TGS [Tiger Electronic Co.,Ltd]
Strona internetowa  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ES1G Arkusz danych(HTML) 1 Page - Tiger Electronic Co.,Ltd

  ES1G Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ES1G Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
inch ( mm )
Peak Forward Surge Current
8.3ms Single half-sine-wave superimposed
on rated Tj = 125℃
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ℃ ambient temperature unless otherwise specified.
Single phase. half wave. 60HZ. resistive or inductive load. For capacitive load. derate current by 20%
600
300
Maximum reverse recovery time(Note 1)
Typical Junction Capacitance ( Note 2 )
Typical Thermal Resistance ( Note 3 )
Operating Junction Temperature Range
Maximum Forward Voltage at 1.0A DC
Maximum Reverse Current
TA = 25℃
Maximum RMS Voltage
Maximum DC Blocking Voltage
Current at TL = 110℃
Maximum Average Forward Rectified
trr
I(AV)
IFSM
IR
Maximum Recurrent Peak Reverse Voltage
NOTE:
1. Reverse revovery condition IF=0.5A IR=1.0A Irr=0.25A.
Cj
RQJA
Tj
TSTG
A
A
V
μA
400
at Rated DC Blocking Voltage TA = 100℃
VF
V
50
VRRM
5.0
VRMS
VDC
1.0
35
300
400
600
210
280
420
0.055(1.40)
MECHANICAL DATA
. Case: JEDEC DO - 214AC. molded plastic body
UNITS
. Terminals: Solder plated. Solderable per MIL - STD - 750.
Method 2026
. Mounting position: Any
. Polarity: Color band denotes cathode
. Weight: 0.075 grams
ES1E
0.165(4.20)
0.154(3.90)
0.106(2.70)
0.098(2.50)
. Low forward voltage drop
1.0AMP ULTRA FAST SURFACE MOUNT RECTIFIERS
0.071(1.80)
. Diffused junction
. Low Leakage
DO - 214AC(SMA)
bufanGIANTION ELECTRONIC ES1A THRU ES1J
REVERSE VOLTAGE 50 TO 600 VOLTS
0.060(1.52)
0.196(4.98)
0.087(2.22)
0.078(1.98)
0.222(5.65)
0.030(0.76)
ns
0.006(0.152)
0.008(0.203)MAX
. The plastic material carries U/L recognition 94V-O
ES1G
ES1J
SYMBOL
V
V
0.012(0.305)
FEATURES
. Low cost
ES1A
ES1B
ES1C
. High current capability
. Easily cleaned with Freon. Alcohol. Lsopropanol and similar
solvents
ES1D
100
150
200
70
105
140
50
0.95
1.25
30
50
100
150
200
17
60
2. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
pF
℃/W
55 to 150
Storage Temperature Range
55 to 150
bufanGIANTION ELECTRONICS
3. Thermal Resistance Junction to Ambient.
35


Podobny numer części - ES1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YENYO TECHNOLOGY Co., L...
ES1G YENYO-ES1G Datasheet
792Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
Pan Jit International I...
ES1G PANJIT-ES1G Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Yangzhou yangjie electr...
ES1G YANGJIE-ES1G Datasheet
155Kb / 2P
   Super Fast Recovery Rectifier Diode
logo
SHENZHEN YONGERJIA INDU...
ES1G WINNERJOIN-ES1G Datasheet
158Kb / 1P
   SURFACE MOUNTED SUPER FAST RECTIFIER
logo
Diodes Incorporated
ES1G DIODES-ES1G Datasheet
111Kb / 3P
   1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14001 Rev. 11 - 2
More results

Podobny opis - ES1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Electronics ...
UF5400 CHENDA-UF5400_1 Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIERS Reverse Voltage - 50 to 1000 Volts
logo
Shenzhen Yixinwei Techn...
ES3A YIXIN-ES3A_03 Datasheet
299Kb / 2P
   REVERSE VOLTAGE 50 to 600 Volts 3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
logo
Taiwan Semiconductor Co...
ESH1B TSC-ESH1B_13 Datasheet
445Kb / 4P
   1.0AMP Surface Mount Ultra Fast Rectifiers
logo
Gaomi Xinghe Electronic...
SF18 GXELECTRONICS-SF18 Datasheet
674Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS Reverse Voltage ??50 to 600 Volts
logo
DIYI Electronic Technol...
UF1A DYELEC-UF1A Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF1AU DYELEC-UF1AU Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
1N493 GOOD-ARK-1N493_15 Datasheet
212Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
logo
PACELEADER INDUSTRIAL
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com