Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1101-200EG6TP Arkusz danych(PDF) 10 Page - Touchstone Semiconductor Inc

Numer części TS1101-200EG6TP
Szczegółowy opis  A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1101-200EG6TP Arkusz danych(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS1101-200EG6TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1101-200EG6TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1101-200EG6TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1101-200EG6TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1101-200EG6TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1101-200EG6TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1101-200EG6TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1101-200EG6TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1101-200EG6TP Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS1101
Page 10
TS1101DS r1p0
RTFDS
the current-sense amplifier and the current-sense
resistor. The pcb layout should be balanced and
symmetrical to minimize wiring-induced errors. In
addition, the pcb layout for RSENSE should include
good thermal management techniques for optimal
RSENSE power dissipation.
6) RSENSE Composition
Current-shunt resistors are available in metal film,
metal strip, and wire-wound constructions. Wire-
wound current-shunt resistors are constructed with
wire spirally wound onto a core. As a result, these
types of current shunt resistors exhibit the largest
self inductance. In applications where the load
current contains high-frequency transients, metal
film or metal strip current sense resistors are
recommended.
Internal Noise Filter
In
power
management
and
motor
control
applications, current-sense amplifiers are required to
measure load currents accurately in the presence of
both externally-generated differential and common-
mode noise. An example of differential-mode noise
that can appear at the inputs of a current-sense
amplifier is high-frequency ripple. High-frequency
ripple
– whether injected into the circuit inductively
or capacitively - can produce a differential-mode
voltage drop across the external current-shunt
resistor
(RSENSE).
An
example
of
externally-
generated,
common-mode
noise
is
the
high-
frequency output ripple of a switching regulator that
can result in common-mode noise injection into both
inputs of a current-sense amplifier.
Even though the load current signal bandwidth is
DC, the input stage of any current-sense amplifier
can rectify unwanted, out-of-band noise that can
result in an apparent error voltage at its output. This
rectification of noise signals occurs because all
amplifier
input
stages
are
constructed
with
transistors that can behave as high-frequency signal
detectors in the same way pn-junction diodes were
used as RF envelope detectors in early radio
designs. Against common-mode injected noise, the
amplifier’s
internal common-mode
rejection
is
usually sufficient.
To counter the effects of externally-injected noise, it
has always been good engineering practice to add
external low-pass filters in series with the inputs of a
current-sense amplifier. In the design of discrete
current-sense amplifiers,
resistors
used in the
external low-pass filters were incorporated into the
circuit’s overall design so errors because of any
input-bias current-generated offset voltage errors
and gain errors were compensated.
With
the
advent
of
monolithic
current-sense
amplifiers, like the TS1101, the addition of external
low-pass filters in series with the current-sense
amplifier’s inputs only introduces additional offset
voltage and gain errors. To minimize or eliminate
altogether the need for external low-pass filters and
to maintain low input offset voltage and gain errors,
the TS1101 incorporates a 50-kHz (typ), 2
nd-order
differential low-pass filter as shown in the TS1101
’s
Block Diagram.
Output Filter Capacitor
If the TS1101 is part of a signal acquisition system
where its OUT terminal is connected to the input of
an ADC with an internal, switched-capacitor track-
and-hold
circuit,
the
internal
track-and-
hold’s
sampling capacitor can cause voltage droop at VOUT.
A 22nF to 100nF good-quality ceramic capacitor
from the OUT terminal to GND forms a low-pass
filter with the TS1101’s R
OUT and should be used to
minimize voltage droop (holding VOUT constant
during the sample interval. Using a capacitor on the
OUT terminal will also reduce the TS1101
’s small-
signal bandwidth as well as band-limiting amplifier
noise.
PC Board Layout and Power-Supply Bypassing
For optimal circuit performance, the TS1101 should
be in very close proximity to the external current-
sense resistor and the pcb tracks from RSENSE to
the RS+ and the RS- input terminals of the TS1101
should be short and symmetric. Also recommended
are a ground plane and surface mount resistors and
capacitors.
Figure 3: Making PCB Connections to RSENSE.


Podobny numer części - TS1101-200EG6TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS1101-200EG6 SILABS-TS1101-200EG6 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Podobny opis - TS1101-200EG6TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com