Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC5200 Arkusz danych(PDF) 2 Page - Sanken electric

Numer części LC5200
Szczegółowy opis  LED Driver ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5200 Arkusz danych(HTML) 2 Page - Sanken electric

  LC5200_12 Datasheet HTML 1Page - Sanken electric LC5200_12 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
143
ICs
Ambient Temperature Ta [
°C]
■External Dimensions (DIP8)
(Unit : mm)
9.4
±0.3
0.5
±0.1
2.54TYP
7.6TYP
0~15
° 0~15°
0.89TYP
85
1
1.0
+0.3
-0.05
1.52
+0.3
-0.05
0.25 +0.1
-0.05
4
■Block Diagram
■Typical Connection Diagram
OUT
Control IC
PWM
■Pin Assignment
Pin No.
1
2
3
4
5
6
7
8
Symbol
Reg
PWM
Ref
Sen
OUT
VBB
NC
GND
Function
12-V Reg output pin
CR connection pin for setting PWM
Reference voltage input pin for controlling PWM
Load current sense pin
Load output pin
Main power supply pin
Pin removed
Device ground pin
■Ta-PD Characteristics
LC5200 Series


Podobny numer części - LC5200_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
More results

Podobny opis - LC5200_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
   White LED Driver ICs
logo
Infineon Technologies A...
ICLS6022J INFINEON-ICLS6022J Datasheet
1Mb / 33P
   LED System Driver ICs
Version 1.0, 2011-05-19
logo
Sanken electric
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
logo
Supertex, Inc
HV9930 SUTEX-HV9930 Datasheet
525Kb / 7P
   Hysteretic Boost-Buck (Cuk) LED Driver ICs
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
   Motor Driver ICs
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
SI-7115B SANKEN-SI-7115B Datasheet
41Kb / 5P
   Unipolar Driver ICs
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com