Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC5226D Arkusz danych(PDF) 2 Page - Sanken electric

Numer części LC5226D
Szczegółowy opis  Hybrid Integrated Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5226D Arkusz danych(HTML) 2 Page - Sanken electric

  LC5226D Datasheet HTML 1Page - Sanken electric LC5226D Datasheet HTML 2Page - Sanken electric LC5226D Datasheet HTML 3Page - Sanken electric LC5226D Datasheet HTML 4Page - Sanken electric LC5226D Datasheet HTML 5Page - Sanken electric LC5226D Datasheet HTML 6Page - Sanken electric LC5226D Datasheet HTML 7Page - Sanken electric LC5226D Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LED Lighting IC
LC5226D
SANKEN ELECTRIC CO.,LTD.
2/8
13 October 2011
1 Scope
The present specifications shall apply to a LED driver IC for LED lighting, LC5226D.
2 Outline
Type
Hybrid Integrated Circuit
Structure
Plastic Molded (Transfer Mold)
Applications
LED Lighting
3 Absolute Maximum Ratings (Ta=25℃)
Parameter
Terminal
Symbol
Ratings
Units
Remarks
Main Power Supply Voltage
6−8
VBB
450
V
Output Breakdown Voltage
5−4
Vo
450
V
Output Current
5−4
IO
1.0
1
A
Exclude Pulse Width<1µs
PWM Pin Voltage
2−8
VPWM
−0.3~V
Z
2
V
Ref Pin Voltage
3−8
VRef
-0.3~V
Z
2
V
Sen Pin Voltage
4−8
VSen
-0.3~4.0
V
Exclude Pulse Width<1µs
Allowable Power Dissipation
PD
1.73
3
W
Mounted on PWB
4
Junction Temperature
Tj
150
Operating Temperature Range
Ta
−40~105
Storage Temperature Range
Tstg
−40~150
※1 Output current rating may be limited by duty cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the specified junction temperature (Tj).
※2 V
Z here is breakdown voltage of zener diode which is internally connected to between pins
and GND. (VZ=6.3V typ.) Maximum input current is 1mA.
※3 Allowable Power Dissipation depends on PWB pattern layout.
※4 Mounted on Sanken evaluation board.


Podobny numer części - LC5226D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
LC5226D SANKEN-LC5226D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
More results

Podobny opis - LC5226D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5203D SANKEN-LC5203D Datasheet
431Kb / 8P
   Hybrid Integrated Circuit
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
LC5223D SANKEN-LC5223D Datasheet
451Kb / 10P
   Hybrid Integrated Circuit
LC5222D SANKEN-LC5222D Datasheet
451Kb / 11P
   Hybrid Integrated Circuit
LC5222S SANKEN-LC5222S Datasheet
288Kb / 8P
   Hybrid Integrated Circuit
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
LC5205S SANKEN-LC5205S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com