Zakładka z wyszukiwarką danych komponentów |
|
TPD2E001DZDR Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
TPD2E001DZDR Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 21 page PACKAGE OPTION ADDENDUM www.ti.com 15-Dec-2011 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/ Ball Finish MSL Peak Temp (3) Samples (Requires Login) TPD2E001DRLR ACTIVE SOT DRL 5 4000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM TPD2E001DRLRG4 ACTIVE SOT DRL 5 4000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM TPD2E001DRSR ACTIVE SON DRS 6 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR TPD2E001DRST-NM ACTIVE SON DRS 6 250 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR TPD2E001DRYR ACTIVE SON DRY 6 5000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TPD2E001DRYRG4 ACTIVE SON DRY 6 5000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM TPD2E001DZDR ACTIVE SOP DZD 4 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and |
Podobny numer części - TPD2E001DZDR |
|
Podobny opis - TPD2E001DZDR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |