Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4238 Arkusz danych(PDF) 2 Page - Central Semiconductor Corp

Numer części 2N4238
Szczegółowy opis  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4238 Arkusz danych(HTML) 2 Page - Central Semiconductor Corp

  2N4238 Datasheet HTML 1Page - Central Semiconductor Corp 2N4238 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
TO-39 CASE - MECHANICAL OUTLINE
2N4237
2N4238
2N4239
NPN SILICON TRANSISTOR
R1 (22-February 2007)
LEAD CODE:
1) EMITTER
2) BASE
3) COLLECTOR
MARKING CODE:
FULL PART NUMBER
ELECTRICAL CHARACTERISTICS (Continued) (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=1.0V, IC=50mA
30
hFE
VCE=1.0V, IC=250mA
30
250
hFE
VCE=1.0V, IC=500mA
30
hFE
VCE=1.0V, IC=1.0A
15
hfe
VCE=10V, IC=100mA, f=1.0kHz
30
fT
VCE=10V, IC=100mA, f=1.0kHz
2.0
MHz
Cob
VCB=10V, IE=0, f=0.1MHz
100
pF


Podobny numer części - 2N4238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N4238 BOCA-2N4238 Datasheet
174Kb / 4P
   GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Micro Electronics
2N4238 MICRO-ELECTRONICS-2N4238 Datasheet
150Kb / 2P
   COMPLEMENTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4238 CENTRAL-2N4238 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N4238 ETC-2N4238 Datasheet
347Kb / 8P
   Power Transistors
logo
Microsemi Corporation
2N4238 MICROSEMI-2N4238 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
More results

Podobny opis - 2N4238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com