Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTS432D2 Arkusz danych(PDF) 6 Page - Siemens Semiconductor Group

Numer części BTS432D2
Szczegółowy opis  Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS432D2 Arkusz danych(HTML) 6 Page - Siemens Semiconductor Group

Back Button BTS432D2 Datasheet HTML 2Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 3Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 4Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 9Page - Siemens Semiconductor Group BTS432D2 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BTS 432 D2
Semiconductor Group
6
Truth Table
Input-
Output
Status
level
level
432
D2
432
E2/F2
432
I2
Normal
operation
L
H
L
H
H
H
H
H
H
H
Open load
L
H
14)
H
H
L
H
L
L
H
Short circuit
to GND
L
H
L
L
H
L
H
L
H
L
Short circuit
to Vbb
L
H
H
H
H
H (L15))
H
H (L15))
L
H
Overtem-
perature
L
H
L
L
L
L
L
L
L
L
Under-
voltage
L
H
L
L
L16)
L16)
H
H
L16)
L16)
Overvoltage
L
H
L
L
L
L
H
H
L
L
L = "Low" Level
H = "High" Level
14
) Power Transistor off, high impedance
15
) Low resistance short V
bb to output may be detected by no-load-detection
16
) No current sink capability during undervoltage shutdown
Terms
PROFET
V
IN
ST
OUT
GND
bb
VST
V
IN
I ST
I IN
V
bb
Ibb
I L
VOUT
I
GND
VON
1
2
4
3
5
R
GND
Input circuit (ESD protection)
IN
GND
I
R
ZD
ZD
I
I
I1
I2
ESD-
ZDI1 6.1 V typ., ESD zener diodes are not designed for
continuous current
Status output
ST
V
Logic
GND
ESD-
ZD
Zener diode: 6.1 V typ., max 5 mA, VLogic 5 V typ,
ESD zener diodes are not designed for continuous
current
Short Circuit detection
Fault Condition:
VON > 8.3 V typ.; IN high
Short circuit
detection
Logic
unit
+ Vbb
OUT
V
ON


Podobny numer części - BTS432D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BTS432D2 INFINEON-BTS432D2 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
BTS432D2E3043 INFINEON-BTS432D2E3043 Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
BTS432D2E3062A INFINEON-BTS432D2E3062A Datasheet
186Kb / 14P
   Smart Highside Power Switch
1999-03-22
More results

Podobny opis - BTS432D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BTS432E2 SIEMENS-BTS432E2 Datasheet
142Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
BTS432I2 SIEMENS-BTS432I2 Datasheet
122Kb / 14P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
BTS430K2 SIEMENS-BTS430K2 Datasheet
116Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
BTS432F2 SIEMENS-BTS432F2 Datasheet
142Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com