Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3114 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części 2N3114
Szczegółowy opis  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3114 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  2N3114 Datasheet HTML 1Page - Central Semiconductor Corp 2N3114 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3114
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3114 is a NPN
Silicon Transistor, mounted in a hermetically sealed
package, designed for general purpose amplifier
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
0.8
W
Power Dissipation (TC=25°C)
PD
5.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=100V
10
nA
ICBO
VCB=100V, TA=150°C
10
µA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA
150
V
BVCEO
IC=30mA
150
V
BVEBO
IE=100µA
5.0
V
VCE(SAT)
IC=50mA, IB=5.0mA
1.0
V
VBE(SAT)
IC=50mA, IB=5.0mA
0.9
V
hFE
VCE=10V, IC=0.1mA
15
hFE
VCE=10V, IC=30mA
30
120
hFE
VCE=10V, IC=30mA, TA=–55°C
12
fT
VCE=10V, IC=30mA, f=20MHz
40
MHz
Cob
VCB=20V, IE=0, f=140kHz
9.0
pF
Cib
VEB=0.5V, IC=0, f=140kHz
80
pF
TO-39 CASE
R0 (4-November 2010)
www.centra lsemi.com


Podobny numer części - 2N3114

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N3114 CENTRAL-2N3114 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3114CSM SEME-LAB-2N3114CSM Datasheet
10Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications
2N3114CSM SEME-LAB-2N3114CSM Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
TT Electronics.
2N3114CSM TTELEC-2N3114CSM Datasheet
150Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Seme LAB
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
More results

Podobny opis - 2N3114

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com