Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4096-2_VA Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADA4096-2_VA
Szczegółowy opis  30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4096-2_VA Arkusz danych(HTML) 2 Page - Analog Devices

  ADA4096-2_VA Datasheet HTML 1Page - Analog Devices ADA4096-2_VA Datasheet HTML 2Page - Analog Devices ADA4096-2_VA Datasheet HTML 3Page - Analog Devices ADA4096-2_VA Datasheet HTML 4Page - Analog Devices ADA4096-2_VA Datasheet HTML 5Page - Analog Devices ADA4096-2_VA Datasheet HTML 6Page - Analog Devices ADA4096-2_VA Datasheet HTML 7Page - Analog Devices ADA4096-2_VA Datasheet HTML 8Page - Analog Devices ADA4096-2_VA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4096-2
Data Sheet
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configurations ........................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Specifications, VSY = ±1.5 V....................................... 3
 
Electrical Specifications, VSY = ±5 V.......................................... 4
 
Electrical Specifications, VSY = ±15 V........................................ 5
 
Absolute Maximum Ratings............................................................ 7
 
Thermal Resistance ...................................................................... 7
 
ESD Caution.................................................................................. 7
 
Typical Performance Characteristics ............................................. 8
 
±1.5 V Characteristics ..................................................................8
 
±5 V Characteristics................................................................... 10
 
±15 V Characteristics ................................................................ 12
 
Comparative Voltage and Variable Voltage Graphs............... 14
 
Theory of Operation ...................................................................... 15
 
Input Stage................................................................................... 15
 
Phase Inversion........................................................................... 15
 
Input Overvoltage Protection ................................................... 16
 
Comparator Operation.............................................................. 17
 
Outline Dimensions ....................................................................... 18
 
Ordering Guide .......................................................................... 19
 
Automotive Products ................................................................. 19
 
REVISION HISTORY
3/12—Rev. 0 to Rev. A
Changed −3 dB Closed-Loop Bandwidth from 97 kHz to
970 kHz(Table 2)............................................................................... 3
Changed −3 dB Closed-Loop Bandwidth from 114 kHz to
1140 kHz (Table 3)............................................................................ 4
Changed to −3 dB Closed-Loop Bandwidth from 152 kHz to
1520 kHz (Table 4)............................................................................ 5
Updated Outline Dimensions ....................................................... 18
7/11—Revision 0: Initial Version


Podobny numer części - ADA4096-2_VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4096-2ACPZ-R7 AD-ADA4096-2ACPZ-R7 Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
ADA4096-2ACPZ-R7 AD-ADA4096-2ACPZ-R7 Datasheet
667Kb / 24P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
ADA4096-2ACPZ-RL AD-ADA4096-2ACPZ-RL Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
ADA4096-2ACPZ-RL AD-ADA4096-2ACPZ-RL Datasheet
667Kb / 24P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
ADA4096-2ARMZ AD-ADA4096-2ARMZ Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
More results

Podobny opis - ADA4096-2_VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4096-2_1107 AD-ADA4096-2_1107 Datasheet
738Kb / 20P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. 0
ADA4096-2 AD-ADA4096-2_14 Datasheet
667Kb / 24P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifiers
AD8546 AD-AD8546 Datasheet
862Kb / 24P
   18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
   Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
[Old version datasheet]   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4096-2 AD-ADA4096-2 Datasheet
313Kb / 5P
   36V, Micropower, Overvoltage Protection, Rail-to-Rail I/O Amplifiers
Rev. PrB
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
   Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LPV511 TI-LPV511_15 Datasheet
950Kb / 21P
[Old version datasheet]   LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com