Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8628 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8628
Szczegółowy opis  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8628 Arkusz danych(HTML) 4 Page - Analog Devices

  AD8628 Datasheet HTML 1Page - Analog Devices AD8628 Datasheet HTML 2Page - Analog Devices AD8628 Datasheet HTML 3Page - Analog Devices AD8628 Datasheet HTML 4Page - Analog Devices AD8628 Datasheet HTML 5Page - Analog Devices AD8628 Datasheet HTML 6Page - Analog Devices AD8628 Datasheet HTML 7Page - Analog Devices AD8628 Datasheet HTML 8Page - Analog Devices AD8628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADA4638-1
Data Sheet
Rev. 0 | Page 4 of 24
ELECTRICAL CHARACTERISTICS—10 V OPERATION
VS = 10 V, VCM = VSY/2 V, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.1
4
μV
−40°C ≤ TA ≤ +125°C; SOIC
9
μV
−40°C ≤ TA ≤ +125°C; LFCSP
12
μV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C; SOIC
0.05
μV/°C
−40°C ≤ TA ≤ +125°C; LFCSP
0.08
μV/°C
Input Bias Current
IB
20
50
pA
−40°C ≤ TA ≤ +125°C
250
pA
Input Offset Current
IOS
20
80
pA
−40°C ≤ TA ≤ +125°C
140
pA
Input Voltage Range
0
7
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 7 V
130
155
dB
−40°C ≤ TA ≤ +125°C
130
dB
Open-Loop Gain
AVO
RL = 10 kΩ, VO = 1 V to 9 V
130
160
dB
−40°C ≤ TA ≤ +125°C
130
dB
Input Resistance, Common Mode
RINCM
250
Input Capacitance, Differential Mode
CINDM
4
pF
Input Capacitance, Common Mode
CINCM
9
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
9.96
9.97
V
−40°C ≤ TA ≤ +125°C
9.95
V
RL = 2 kΩ to VCM
9.85
9.86
V
−40°C ≤ TA ≤ +125°C
9.75
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
20
25
mV
−40°C ≤ TA ≤ +125°C
40
mV
RL = 2 kΩ to VCM
80
90
mV
−40°C ≤ TA ≤ +125°C
145
mV
Short-Circuit Current
ISC
±22
mA
Closed-Loop Output Impedance
ZOUT
f = 1 MHz, AV = +1
300
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 4.5 V to 30 V
120
143
dB
−40°C ≤ TA ≤ +125°C
120
dB
Supply Current/Amplifier
ISY
IO = 0 mA
0.8
0.95
mA
−40°C ≤ TA ≤ +125°C
1.15
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 20 pF, AV = +1
1.5
V/μs
Overload Recovery Time
RL = 10 kΩ, CL = 20 pF, AV = −100
14
μs
Settling Time to 0.1%
tS
VIN = 2 V step, RL = 10 kΩ, CL = 20 pF, AV = −1
3
μs
Unity-Gain Crossover
UGC
VIN = 30 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +1
1.1
MHz
Phase Margin
ΦM
VIN = 30 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +1
67
Degrees
Gain Bandwidth Product
GBP
VIN = 30 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +100
1.4
MHz
−3 dB Closed-Loop Bandwidth
f−3dB
VIN = 30 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +1
1.9
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
1.2
μV p-p
Voltage Noise Density
en
f = 1 kHz
66
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.1
pA/√Hz


Podobny numer części - AD8628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8628 AD-AD8628 Datasheet
476Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
REV. C
AD8628 AD-AD8628 Datasheet
410Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. E
AD8628 AD-AD8628 Datasheet
432Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8628 AD-AD8628 Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8628 AD-AD8628 Datasheet
726Kb / 28P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
More results

Podobny opis - AD8628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4638-1 AD-ADA4638-1_16 Datasheet
912Kb / 25P
   30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA2186 TI-OPA2186 Datasheet
1Mb / 26P
[Old version datasheet]   OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
JUNE 2022
TLV2186 TI1-TLV2186 Datasheet
1Mb / 38P
[Old version datasheet]   TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
TLV2186 TI-TLV2186_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
OPA2186 TI-OPA2186_V01 Datasheet
2Mb / 41P
[Old version datasheet]   OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
OPA2186 TI-OPA2186_V02 Datasheet
2Mb / 41P
[Old version datasheet]   OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com