Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5565 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADL5565
Szczegółowy opis  6 GHz Ultrahigh Dynamic Range Differential Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5565 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADL5565 Datasheet HTML 7Page - Analog Devices ADL5565 Datasheet HTML 8Page - Analog Devices ADL5565 Datasheet HTML 9Page - Analog Devices ADL5565 Datasheet HTML 10Page - Analog Devices ADL5565 Datasheet HTML 11Page - Analog Devices ADL5565 Datasheet HTML 12Page - Analog Devices ADL5565 Datasheet HTML 13Page - Analog Devices ADL5565 Datasheet HTML 14Page - Analog Devices ADL5565 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADL5565
Rev. 0 | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3.3 V, VCM = 1.65 V, RL = 200 Ω differential, AV = 6 dB, CL = 1 pF differential, f = 100 MHz, TA = 25°C; parameters specified
ac-coupled differential input and differential output, unless otherwise noted.
–25
–20
–15
–10
–5
0
5
10
15
20
25
10
100
1000
10000
FREQUENCY (MHz)
AV = 15dB
AV = 12dB
AV = 6dB
Figure 3. Gain vs. Frequency Response for 200 Ω Differential Load,
AV = 6 dB, AV = 12 dB, and AV = 15.5 dB, VPOS = 3.3 V and VPOS = 5 V, 25°C
–20
–15
–10
–5
0
5
10
15
20
10
100
10000
1000
FREQUENCY (MHz)
–40°C
+85°C
+25°C
+100°C
Figure 4. Gain vs. Frequency Response for 200 Ω Differential Load,
AV = 6 dB, Four Temperatures, VPOS = 3.3 V, 25°C
10
100
10000
1000
FREQUENCY (MHz)
–25
–20
–15
–10
–5
0
5
10
15
20
–40°C
+25°C
+85°C
+100°C
Figure 5. Gain vs. Frequency Response for 200 Ω Differential Load,
AV = 6 dB, Four Temperatures, VPOS = 5 V, 25°C
0
5
10
15
20
25
0
50
100
150
200
250
FREQUENCY (MHz)
AV = 15.5dB
AV = 12dB
AV = 6dB
Figure 6. OP1dB vs. Frequency at Three Gains,
25°C, 200 Ω Differential Load, VPOS = 3.3 V
0
5
10
15
20
25
0
50
100
150
200
250
FREQUENCY (MHz)
–40°C
+25°C
+85°C
+100°C
Figure 7. OP1dB vs. Frequency for 200 Ω Differential Load, AV = 6 dB,
Four Temperatures, VPOS = 3.3 V
0
2
4
6
8
10
12
14
16
18
10
100
1000
FREQUENCY (MHz)
AV = 6dB
AV = 12dB
AV = 15.5dB
Figure 8. Noise Figure vs. Frequency at AV = 6 dB, AV = 12 dB, and AV = 15.5 dB,
VPOS = 3.3 V


Podobny numer części - ADL5565

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5565 AD-ADL5565 Datasheet
842Kb / 28P
   6 GHz Ultrahigh Dynamic Range
REV. B
ADL5565 AD-ADL5565 Datasheet
158Kb / 5P
   High Performance 65 MHz Bandwidth Quad IF Receiver with Antialiasing Filter and 184.32 MSPS Sampling Rate
REV. B
ADL5565 AD-ADL5565 Datasheet
301Kb / 6P
   Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit, 250 MSPS Receiver Front End
REV. 0
ADL5565 AD-ADL5565 Datasheet
176Kb / 5P
   High IF Sampling Receiver Front End with Band-Pass Filter
REV. 0
ADL5565 AD-ADL5565 Datasheet
961Kb / 29P
   6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
More results

Podobny opis - ADL5565

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5565 AD-ADL5565_13 Datasheet
961Kb / 29P
   6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
ADL5565 AD-ADL5565_17 Datasheet
893Kb / 29P
   6 GHz Ultrahigh Dynamic Range Differential Amplifier
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
   6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
ADL5569 AD-ADL5569_V01 Datasheet
653Kb / 23P
   6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
Rev. C
ADL5567 AD-ADL5567 Datasheet
888Kb / 24P
   4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
   4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
ADL5565 AD-ADL5565_12 Datasheet
842Kb / 28P
   6 GHz Ultrahigh Dynamic Range
REV. B
logo
Mimix Broadband
XB1012-QT MIMIX-XB1012-QT Datasheet
177Kb / 6P
   0.25-6 GHz High Dynamic Range Driver Amplifier
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
   0.25-3.0 GHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com