Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM3054 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM3054
Szczegółowy opis  5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM3054 Arkusz danych(HTML) 4 Page - Analog Devices

  ADM3054 Datasheet HTML 1Page - Analog Devices ADM3054 Datasheet HTML 2Page - Analog Devices ADM3054 Datasheet HTML 3Page - Analog Devices ADM3054 Datasheet HTML 4Page - Analog Devices ADM3054 Datasheet HTML 5Page - Analog Devices ADM3054 Datasheet HTML 6Page - Analog Devices ADM3054 Datasheet HTML 7Page - Analog Devices ADM3054 Datasheet HTML 8Page - Analog Devices ADM3054 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM3054
Data Sheet
Rev. 0 | Page 4 of 20
TIMING SPECIFICATIONS
Each voltage is relative to its respective ground, 3.0 V ≤ VDD1 ≤ 5.5 V. TA = −40°C to +125°C, 4.75 V ≤ VDD2 ≤ 5.25 V, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
1
Mbps
Propagation Delay TxD On to Bus Active
t
onTxD
90
ns
R
L = 60 Ω, CL = 100 pF, see Figure 23
and Figure 27
Propagation Delay TxD Off to Bus Inactive
t
offTxD
120
ns
R
L = 60 Ω, CL = 100 pF, see Figure 23
and Figure 27
RECEIVER
Propagation Delay TxD On to Receiver Active
t
onRxD
200
ns
R
L = 60 Ω, CL = 100 pF, see Figure 23
and Figure 27
Propagation Delay TxD Off to Receiver Inactive
t
offRxD
250
ns
R
L = 60 Ω, CL = 100 pF, see Figure 23
and Figure 27
POWER-UP
Enable Time, V
DD2 High to VDD2SENSE Low
t
SE
300
µs
See Figure 26
Disable Time, V
DD2 Low to VDD2SENSE High
t
SD
10
ms
See Figure 26


Podobny numer części - ADM3054

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3054 AD-ADM3054 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM3054 AD-ADM3054 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ AD-ADM3054BRWZ Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054BRWZ-RL7 AD-ADM3054BRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3054WBRWZ-RL7 AD-ADM3054WBRWZ-RL7 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
More results

Podobny opis - ADM3054

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM3054 AD-ADM3054_V01 Datasheet
446Kb / 20P
   5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3050E AD-ADM3050E_V01 Datasheet
417Kb / 19P
   5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
   5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
   5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com