Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS646BBGZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADXRS646BBGZ
Szczegółowy opis  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS646BBGZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADXRS646BBGZ Datasheet HTML 4Page - Analog Devices ADXRS646BBGZ Datasheet HTML 5Page - Analog Devices ADXRS646BBGZ Datasheet HTML 6Page - Analog Devices ADXRS646BBGZ Datasheet HTML 7Page - Analog Devices ADXRS646BBGZ Datasheet HTML 8Page - Analog Devices ADXRS646BBGZ Datasheet HTML 9Page - Analog Devices ADXRS646BBGZ Datasheet HTML 10Page - Analog Devices ADXRS646BBGZ Datasheet HTML 11Page - Analog Devices ADXRS646BBGZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXRS646
Data Sheet
Rev. 0 | Page 10 of 12
SUPPLY RATIOMETRICITY
The null output voltage (RATEOUT), sensitivity, self-test
responses (ST1 and ST2), and temperature output (TEMP)
of the ADXRS646 are ratiometric to VRATIO. Therefore, using
the ADXRS646 with a supply-ratiometric ADC results in self-
cancellation of errors resulting from minor supply variations.
There remains a small, usually negligible, error due to non-
ratiometric behavior. Note that, to guarantee full measurement
range, VRATIO should not be greater than AVCC.
NULL ADJUSTMENT
The nominal 3.0 V null output voltage is true for a symmetrical
swing range at RATEOUT (1B, 2A). However, an asymmetric
output swing may be suitable in some applications. Null adjust-
ment is possible by injecting a suitable current to SUMJ (1C, 2C).
Note that supply disturbances may cause some null instability.
Digital supply noise should be avoided, particularly in this case.
SELF-TEST FUNCTION
The ADXRS646 includes a self-test feature that actuates each
of the sensing structures and associated electronics in the same
manner as if the gyroscope were subjected to angular rate.
Self-test is activated by applying the standard logic high level ST1
pin (5F, 5G), the ST2 pin (4F, 4G), or both. Applying a logic high
to Pin ST1 causes the voltage at RATEOUT to change by −450 mV
(typical), and applying a logic high to Pin ST2 causes an opposite
change of +450 mV (typical). The voltage applied to the ST1 and
ST2 pins must never be greater than AVCC. The self-test response
follows the temperature dependence of the viscosity of the
package atmosphere, approximately 0.25%/°C.
Activating both ST1 and ST2 simultaneously is not damaging.
The output responses generated by ST1 and ST2 are closely
matched (±2%), but actuating both simultaneously may result
in a small apparent null bias shift proportional to the degree of
self-test mismatch.
CONTINUOUS SELF-TEST
The on-chip integration of the ADXRS646, as well as the
mature process with which it is manufactured, have provided
the gyroscope with field-proven reliability.
As an additional failure detection measure, self-test can be
performed at power-up or occasionally during operation. However,
some applications may require continuous self-test while sensing
rotation rate. Details outlining continuous self-test techniques
are available in the AN-768 Application Note, Using the
ADXRS150/ADXRS300 in Continuous Self-Test Mode. Although
the title of this application note refers to other Analog Devices
gyroscopes, the techniques apply equally to the ADXRS646.
MODIFYING THE MEASUREMENT RANGE
The ADXRS646 scale factor can be reduced to extend the
measurement range to as much as ±450°/sec by adding a
single 225 kΩ resistor between RATEOUT and SUMJ. If
an external resistor is added between RATEOUT and SUMJ,
COUT must be proportionally increased to maintain correct
bandwidth.


Podobny numer części - ADXRS646BBGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS646BBGZ AD-ADXRS646BBGZ Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS646BBGZ-RL AD-ADXRS646BBGZ-RL Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
More results

Podobny opis - ADXRS646BBGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS645 AD-ADXRS645 Datasheet
323Kb / 10P
   High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com