Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS646BBGZ Arkusz danych(PDF) 12 Page - Analog Devices

Numer części ADXRS646BBGZ
Szczegółowy opis  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS646BBGZ Arkusz danych(HTML) 12 Page - Analog Devices

Back Button ADXRS646BBGZ Datasheet HTML 4Page - Analog Devices ADXRS646BBGZ Datasheet HTML 5Page - Analog Devices ADXRS646BBGZ Datasheet HTML 6Page - Analog Devices ADXRS646BBGZ Datasheet HTML 7Page - Analog Devices ADXRS646BBGZ Datasheet HTML 8Page - Analog Devices ADXRS646BBGZ Datasheet HTML 9Page - Analog Devices ADXRS646BBGZ Datasheet HTML 10Page - Analog Devices ADXRS646BBGZ Datasheet HTML 11Page - Analog Devices ADXRS646BBGZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADXRS646
Data Sheet
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
Figure 23. 32-Lead Ceramic Ball Grid Array [CBGA]
(BG-32-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADXRS646BBGZ
–40°C to +105°C
32-Lead Ceramic Ball Grid Array [CBGA]
BG-32-3
ADXRS646BBGZ-RL
–40°C to +105°C
32-Lead Ceramic Ball Grid Array [CBGA]
BG-32-3
EVAL-ADXRS646Z
Evaluation Board
1 Z = RoHS Compliant Part.
A
B
C
D
E
F
G
7654
3
TOP VIEW
DETAIL A
BALL DIAMETER
0.60
0.55
0.50
0.60 MAX
0.25 MIN
COPLANARITY
0.15
21
*A1 CORNER
INDEX AREA
3.20 MAX
2.50 MIN
*BALL A1 IDENTIFIER IS GOLD PLATED AND CONNECTED
TO THE D/A PAD INTERNALLY VIA HOLES.
7.05
6.85 SQ
6.70
A1 BALL
CORNER
BOTTOM VIEW
DETAIL A
0.80
BSC
4.80
BSC SQ
SEATING
PLANE
3.80 MAX
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09771-0-9/11(0)


Podobny numer części - ADXRS646BBGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS646BBGZ AD-ADXRS646BBGZ Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS646BBGZ-RL AD-ADXRS646BBGZ-RL Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
More results

Podobny opis - ADXRS646BBGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS645 AD-ADXRS645 Datasheet
323Kb / 10P
   High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com