Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS646BBGZ-RL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADXRS646BBGZ-RL
Szczegółowy opis  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS646BBGZ-RL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADXRS646BBGZ-RL Datasheet HTML 4Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 5Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 6Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 7Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 8Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 9Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 10Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 11Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADXRS646
Rev. 0 | Page 9 of 12
THEORY OF OPERATION
The ADXRS646 operates on the principle of a resonator
gyroscope. Figure 19 shows a simplified version of one of
four polysilicon sensing structures. Each sensing structure
contains a dither frame that is electrostatically driven to
resonance. This produces the necessary velocity element to
produce a Coriolis force when experiencing angular rate. The
ADXRS646 is designed to sense a Z-axis (yaw) angular rate.
When the sensing structure is exposed to angular rate, the
resulting Coriolis force couples into an outer sense frame,
which contains movable fingers that are placed between fixed
pickoff fingers. This forms a capacitive pickoff structure that
senses Coriolis motion. The resulting signal is fed to a series of
gain and demodulation stages that produce the electrical rate
signal output. The quad sensor design rejects linear and angular
acceleration, including external g-forces, shock, and vibration.
The rejection is achieved by mechanically coupling the four
sensing structures such that external g-forces appear as
common-mode signals that can be removed by the fully
differential architecture implemented in the ADXRS646.
Figure 19. Simplified Gyroscope Sensing Structure—One Corner
The electrostatic resonator requires 21 V for operation. Because
only 6 V are typically available in most applications, a charge
pump is included on chip. If an external 21 V supply is
available, the two capacitors on CP1 to CP4 can be omitted,
and this supply can be connected to CP5 (Pin 6D, Pin 7D).
CP5 should not be grounded when power is applied to the
ADXRS646. No damage occurs, but under certain conditions,
the charge pump may fail to start up after the ground is removed
without first removing power from the ADXRS646.
SETTING BANDWIDTH
The combination of an external capacitor (COUT) and the
on-chip resistor (ROUT) creates a low-pass filter that limits the
bandwidth of the ADXRS646 rate response. The −3 dB
frequency set by ROUT and COUT is
fOUT = 1/(2 × π × ROUT × COUT)
and can be well controlled because ROUT is trimmed during
manufacturing to 180 kΩ ± 1%. Any external resistor applied
between the RATEOUT pin (1B, 2A) and SUMJ pin (1C, 2C)
results in
ROUT = (180 kΩ × REXT)/(180 kΩ + REXT)
An additional external filter is often added (in either hardware
or software) to attenuate high frequency noise arising from
demodulation spikes at the 18 kHz resonant frequency of the
gyroscope. An RC output filter consisting of a 3.3 kΩ series
resistor and 22 nF shunt capacitor (2.2 kHz pole) is
recommended.
TEMPERATURE OUTPUT AND CALIBRATION
It is common practice to temperature-calibrate gyroscopes
to improve their overall accuracy. The ADXRS646 has a
temperature-dependent voltage output that provides input
to such a calibration method. The temperature sensor structure
is shown in Figure 20. The temperature output is characteristi-
cally nonlinear, and any load resistance connected to the
TEMP output results in decreasing the TEMP output and its
temperature coefficient. Therefore, buffering the output is
recommended.
The voltage at TEMP (3F, 3G) is nominally 2.9 V at 25°C, and
VRATIO = 6 V. The temperature coefficient is 10 mV/°C (typical)
at 25°C; the output response over the full temperature range is
shown in Figure 17. Although the TEMP output is highly
repeatable, it has only modest absolute accuracy.
Figure 20. Temperature Sensor Structure
X
Y
Z
VRATIO
VTEMP
RFIXED
RTEMP


Podobny numer części - ADXRS646BBGZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS646BBGZ-RL AD-ADXRS646BBGZ-RL Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
More results

Podobny opis - ADXRS646BBGZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS645 AD-ADXRS645 Datasheet
323Kb / 10P
   High Temperature, Vibration Rejecting plus,minus2000temperature/sec Gyroscope
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
   plus,minus250temperature/sec Yaw Rate Gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com