Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADD_55 Arkusz danych(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Numer części ADD_55
Szczegółowy opis  55W Dual Output with Battery Charger(USPFunction)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ADD_55 Arkusz danych(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ADD_55_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ADD_55_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(A)
FileName:ADD-55-SPEC2011-06-16
CaseNo.901Unit:mm
AMBIENTTEMPERATURE(
)
-10
0
10
20
30
40
50
60
20
40
50
60
70
80
100
With18.2CFMmin.(10cm)
NOFAN
INPUTVOLTAGE(V)60Hz
60
80
100
120
140
160
180
200
220
240
264
300
250
200
150
100
50
25
+5V
+13.8V
+5V
+13.8V
14
8
10
9
13
12
11
4.8
5.0
5.2
4.4
4.6
4.2
4.0
(HORIZONTAL)
BlockDiagram
fosc:45KHz
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
BACKUP
&
&
RECTIFIERS
BAT.CHARGER
+V
B+
+5V
COM
I/P
CONTROL
FG
REGULATOR
SWITCHING
TerminalPinNo. Assignment
PinNo.
PinNo.
5
1
6
7
8
2
3
4
Assignment
Assignment
DCOUTPUT +V
AC/L
AC/N
FG
BAT.+
BAT.-/COM
DC/DCOUTPUT +5V
DCOUTPUT COM
4.5
152.5
4.5
150
6.5
3.5
78
24
159
22
117
2-M
3
3-M
3
8
7
6
5
4
3
2
1
55WDualOutputwithBatteryCharger(USP Function)
A D D - 5 5 series


Podobny numer części - ADD_55_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
ADD-55 MEANWELL-ADD-55_10 Datasheet
392Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
More results

Podobny opis - ADD_55_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
ADD-55 MEANWELL-ADD-55 Datasheet
707Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-55 MEANWELL-ADD-55_10 Datasheet
392Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
logo
Astrodyne Corporation
AD-55 ASTRODYNE-AD-55 Datasheet
1Mb / 4P
   55W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
AD-55 MEANWELL-AD-55 Datasheet
706Kb / 2P
   55W Single Output with Battery Charger(UPS Function)
logo
Astrodyne Corporation
AD55 ASTRODYNE-AD55 Datasheet
597Kb / 3P
   55W Single Output with Battery Charging UPS Function
logo
Mean Well Enterprises C...
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
ADD-155 MEANWELL-ADD-155 Datasheet
430Kb / 2P
   155W Dual Output with Battery Charger(USP Function)
logo
CUI INC
VADS-5524 CUI-VADS-5524 Datasheet
119Kb / 2P
   Single/Double Output with Battery Charger
VADS-5512 CUI-VADS-5512 Datasheet
119Kb / 2P
   Single/Double Output with Battery Charger
logo
Gamewell-FCI by Honeywe...
DRBC-1 GAMEWELL-FCI-DRBC-1 Datasheet
34Kb / 1P
   DUAL RATE BATTERY CHARGER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com