Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P00 Arkusz danych(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Numer części P00
Szczegółowy opis  100W Quad Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P00 Arkusz danych(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  P00 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P00 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. P00 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FileName:PQ-100-SPEC 2012-02-03
Unit:mm
MechanicalSpecification
StaticCharacteristics(B)
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
-10
0
0
10
20
30
40
50
60
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
110
120
140
160
180
200
220
240
264
300
250
200
150
100
50
25
12
13
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
17CFMforcedaircooling(20cm)
Naturalconvectioncooling
100WQuadOutputSwitchingPowerSupply
DeratingCurve
BlockDiagram
fosc:45KHz
177.8
165.1
1
CN2
+5V ADJ
4
3
2
6
5
9
8
7
11
10
CN1
1
13
3
5
4-
3.96
12
2
4
6.35
DCOutputConnector(CN2):Molex5273-06,07orequivalent
PinNo.
1,2,3
4,5,6,7
8,9
10
11
12
13
Assignment
V1
COM
V2
PowerGood(Option)
V3
NoPin
V4
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
ACInputConnector(CN1):Molex5273-05orequivalent
PinNo.
1
2,4
3
5
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
FG
NoPin
AC/N
AC/L
ACFUSE
T4A/250V
FS1
HS1
HS2
HS1,HS2 can not be shorted
P Q - 1 0 0 series
O.L.P.
I/P
FG
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
FILTER
FILTER
&
&
&
&
RECTIFIERS
RECTIFIERS
RECTIFIERS
RECTIFIERS
V1
V2
V3
V4
COM
CONTROL
PWM
O.V.P.
REGULATOR
REGULATOR
12V
5V
5V
+12V
-12V


Podobny numer części - P00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ensign Corporation
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
P001-1-010X ENSIGN-P001-1-010X Datasheet
536Kb / 3P
   Captain Class
P001-1-010X ENSIGN-P001-1-010X Datasheet
292Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001-1-010X** ENSIGN-P001-1-010X* Datasheet
292Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P001-1-012X ENSIGN-P001-1-012X Datasheet
536Kb / 3P
   Captain Class
More results

Podobny opis - P00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
PQ-100 MEANWELL-PQ-100 Datasheet
666Kb / 3P
   100W Quad Output Switching Power Supply
logo
XP Power Limited
PQ-100B XPPOWER-PQ-100B Datasheet
660Kb / 3P
   100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PQ-100 MEANWELL-PQ-100_10 Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
logo
Astrodyne Corporation
PQ-100 ASTRODYNE-PQ-100 Datasheet
829Kb / 5P
   100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NED-100_0809 MEANWELL-NED-100_0809 Datasheet
417Kb / 2P
   100W Dual Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com