Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS25A09-P1J Arkusz danych(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Numer części GS25A09-P1J
Szczegółowy opis  20~25WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS25A09-P1J Arkusz danych(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS25A09-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS25A09-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
GS25A05-P1J GS25A07-P1J GS25A09-P1J GS25A12-P1J GS25A15-P1J GS25A18-P1J GS25A24-P1J GS25A28-P1J GS25A48-P1J
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GS25A05
7.5V
GS25A07
9V
GS25A09
12V
GS25A12
15V
GS25A15
18V
GS25A18
24V
GS25A24
28V
GS25A28
48V
GS25A48
50mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
90~264VAC135~370VDC
47~63Hz
78.5%
81.5%
82.5%
84.5%
84.5%
84.5%
85.5%
85.5%
87%
0.7A /100VAC
45A /230VAC
0.75mA /240VAC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:
,I/P-FG:2121
4242VDC
VDC
I/P-O/P,I/P-FG:100MOhms/500VDC /25
/70%RH
500Khrsmin.MIL-HDBK-217F(25
)
0~+50
(Referto"DeratingCurve")
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
93*54*36mm(L*W*H)
230g;60pcs/15kg/CARTON
CONNECTOR
PLUG
CABLE
Seepage2
Seepage2
1.All parameters are specified at 230VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load
7.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives.
20~25W AC-DCSingleOutputDesktop
G S 2 5 A series
Features :
OVERLOAD
OVERVOLTAGE
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
105~135%ratedoutputvoltage
4.0A
2.93A
2.77A
2.08A
1.66A
1.38A
1.04A
0.89A
0.52A
0~4.0A
0~2.93A
0~2.77A
0~1.66A
0~1.38A
0~1.04A
0~0.89A
0~0.52A
20W
22W
25W
25W
0~2.08A
25W
25W
25W
25W
25W
Protectiontype:Clampbyzenerdiode
Universal AC input / Full range
No load power consumption<0.3W
ErP step2 compliant
NRCan compliant
Meet EISA 2007 (Energy Independence and Security Act)
3 pole AC inlet IEC320-C14
Class power ( with earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
LED indicator for power on
Approvals: UL / CUL / TUV / BSMI / CCC / PSE / CB / FCC / CE
Pass LPS
2 years warranty
500ms,20ms,50ms/230VAC500ms,20ms,15ms/115VACatfullload
(for 5V~28V only)
FileName:GS25A-SPEC 2012-02-29
UL60950-1,CSA C22.2, TUVEN60950-1,BSMICNS14336,PSEJ60950-1(5~28Vonly),CCCGB4943approved
CompliancetoEN55022
,FCCPART 15/CISPR22classB,CNS13438classB
EN61000-3-2,3
,
,GB9254
CompliancetoEN61000-4-2,3,4,5,6,8,11,lightindustrylevel,criteria A
EMCIMMUNITY
EMCEMISSION


Podobny numer części - GS25A09-P1J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
GS25A09-P1J MEANWELL-GS25A09-P1J Datasheet
120Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25A09-P1J MEANWELL-GS25A09-P1J Datasheet
176Kb / 2P
   20~25WAC-DC Single Output Desktop
More results

Podobny opis - GS25A09-P1J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
ES25A MEANWELL-ES25A Datasheet
167Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B Datasheet
122Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B_11 Datasheet
175Kb / 2P
   20~25WAC-DC Single Output Desktop
ES25B MEANWELL-ES25B Datasheet
175Kb / 2P
   20~25WAC-DC Single Output Desktop
ES25C MEANWELL-ES25C Datasheet
188Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25A MEANWELL-GS25A Datasheet
120Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25A MEANWELL-GS25A_11 Datasheet
176Kb / 2P
   20~25WAC-DC Single Output Desktop
P25B-T MEANWELL-P25B-T Datasheet
157Kb / 2P
   25WAC-DC Triple Output Desktop
P25B-T MEANWELL-P25B-T_07 Datasheet
157Kb / 2P
   25WAC-DC Triple Output Desktop
P25A-T MEANWELL-P25A-T Datasheet
162Kb / 2P
   25WAC-DC Triple Output Desktop
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com