Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW216A Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części FW216A
Szczegółowy opis  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW216A Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  FW216A Datasheet HTML 1Page - Sanyo Semicon Device FW216A Datasheet HTML 2Page - Sanyo Semicon Device FW216A Datasheet HTML 3Page - Sanyo Semicon Device FW216A Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FW216A
No. A0176-1/4
Features
ON-resistance Nch : RDS(on)1=49m
Ω (typ.)
4.0V drive
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
35
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
4.5
A
Drain Current (PW≤10μs)
IDP
Duty cycle≤1%
18
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (2000mm2×0.8mm) 1unit, PW≤10s
1.6
W
Total Dissipation
PT
When mounted on ceramic substrate (2000mm2×0.8mm), PW≤10s
2.2
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7072-001
Ordering number : ENA0176A
31412 TKIM/20112PA TKIM TC-00002686
SANYO Semiconductors
DATA SHEET
FW216A
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: SOIC8
• JEITA, JEDEC
: SC-87, SOT96
• Minimum Packing Quantity : 2,500 pcs./reel
Packing Type : TL
Marking
Electrical Connection
FW216
LOT No.
A
8765
1234
4.9
0.22
14
5
8
0.445
1.27
0.254 (GAGE PLANE)
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
SANYO : SOIC8
TL


Podobny numer części - FW216A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FW216A ONSEMI-FW216A Datasheet
267Kb / 5P
   N-Channel Power MOSFET
FW216A-TL-2W ONSEMI-FW216A-TL-2W Datasheet
267Kb / 5P
   N-Channel Power MOSFET
More results

Podobny opis - FW216A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com