Zakładka z wyszukiwarką danych komponentów |
|
LC74900 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device |
|
LC74900 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device |
1 / 14 page Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer 's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer 's products or equipment. Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 30712HKPC 20120113-S00002,S00003 No.A2000-1/14 LC74900 Overview LC74900 is a highly integrated multi-purpose LCD Panel (up to WVGA) controller processing analog and digital video signal. It contains A/D converter, video decorder, De-interlacer/Scaler, and picture improvement. Features (1) Video Input/Output • Analog input: 4ch CVBS (NTSC, PAL, and SECAM) with 1ch 10bit A/D converter • Digital input: 24bit RGB and YCbCr, 16bit YCbCr (4:2:2), and 8bit YC (BT.656) • Digital output: 8bit video decoder output (BT.656) (2) YC separation video decoder • Adaptive 3line comb filter, automatic gain and chrominance control (3) De-interlacer and Scaler • Horizontal and vertical programmable scaler separately, and supports panels up to WVGA resolutions (4) Picture Improvements • CDEX (Color Depth Expander): high quality expansion for low-resolution graphics • Dynamic gamma correction: picture adapted automatic luminance control • Sharpness control, LTI and CTI: peaking enhancement without glares • Color exciter: 6 phases RGBYMC gain control separately (5) Panel interface • 24bit RGB output and 18bit RGB output with dithering process • Pulse Width Modulation for automatic LED backlight control • Timing conroller for LCD driver with horizontal or vertical reversing signals • Pin swapping : replace output pin assignment of the RGB channel or bit Continued on next page. CMOS IC Silicon gate LCD PROCESSOR LSI for small size display Ordering number : ENA2000 |
Podobny numer części - LC74900 |
|
Podobny opis - LC74900 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |