Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK672-060-E Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części STK672-060-E
Szczegółowy opis  Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-060-E Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button STK672-060-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-060-E Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
STK672-060-E
No.7441-8/19
Functional Description
External Excitation Chopper Drive Block Description
Driver Block Basic Circuit Structure
Since this hybrid IC adopts an external excitation method, no external oscillator circuit is required.
When a high level is input to
φA in the basic driver block circuit shown in the figure and the MOSFET is turned on, the
comparator + input will go low and the comparator output will go low. Since a set signal with the PWM period will be
input, the Q output will go high, and the MOSFET will be turned on as its initial value.
The current ION flowing in the MOSFET passes through L1 and generates a potential difference in Rs. Then, when the
Rs potential and the Vref potential become the same, the comparator output will invert, and the reset signal Q output
will invert to the low level. Then, the MOSFET will be turned off and the energy stored in L1 will be induced in L2 and
the current IOFF will be regenerated to the power supply. This state will be maintained until the time when an input to
the latch circuit set pin occurs.
In this manner, the Q output is turned off and on repeatedly by the reset and set signals, thus implementing constant
current control. The resistor and capacitor on the comparator input are spike removal circuit elements and synchronize
with the PWM frequency. Since this hybrid IC uses a fixed frequency due to the external excitation method and at the
same time also adopts a synchronized PWM technique, it can suppress the noise associated with holding a position
when the motor is locked.
Input Pin Functions
Pin No.
Symbol
Function
Pin circuit type
14
CLK
Phase switching clock
Built-in pull-up resistor CMOS Schmitt trigger input
15
CWB
Rotation direction setting (CW/CCW)
Built-in pull-up resistor CMOS Schmitt trigger input
17
RETURN
Forced phase origin return
Built-in pull-up resistor CMOS Schmitt trigger input
18
ENABLE
Output cutoff
Built-in pull-up resistor CMOS Schmitt trigger input
9, 10, 11
M1, M2, M3
Excitation mode setting
Built-in pull-up resistor CMOS Schmitt trigger input
12, 13
M4, M5
Vector locus setting
Built-in pull-up resistor CMOS Schmitt trigger input
16
RESET
System reset
Built-in pull-up resistor CMOS Schmitt trigger input
8
Vref
Current setting
Operational amplifier input
ITF02272
D1
Rs
L2
VCC1
IOFF
L1
φA
φA
MOSFET
AND
Q
S
R
800kHz
45kHz
Latch circuit
Noise
filter
CR
oscillator
Divider
Current
divider
M4
M5
Vref
A=1
+
Enable
φA (control signal)
ION


Podobny numer części - STK672-060-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-010 SANYO-STK672-010 Datasheet
367Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 1.7A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller
STK672-020 SANYO-STK672-020 Datasheet
365Kb / 17P
   Unipolar Fixed-Current Chopper(separate excitation)Type 3.0A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller?
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-040 SANYO-STK672-040 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
More results

Podobny opis - STK672-060-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
EN5228-D SANYO-EN5228-D Datasheet
205Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
EN7441-D SANYO-EN7441-D Datasheet
196Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
   Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com