Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIC7S66FU Arkusz danych(PDF) 2 Page - KEC(Korea Electronics)

Numer części KIC7S66FU
Szczegółowy opis  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7S66FU Arkusz danych(HTML) 2 Page - KEC(Korea Electronics)

  KIC7S66FU_08 Datasheet HTML 1Page - KEC(Korea Electronics) KIC7S66FU_08 Datasheet HTML 2Page - KEC(Korea Electronics) KIC7S66FU_08 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 .9. 17
2/3
KIC7S66FU
Revision No : 3
C
I/O
X 1
II
O/I
LOGIC DIAGRAM
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
TRUTH TABLE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
2~9
V
Control Input Voltage
VIN
0~VCC
V
Switch I/O Voltage
VI/O
0~VCC
V
Operating Temperature
Topr
-40~85
Input Rise and Fall Time
tr, tf
0~1000 (VCC=2.0V)
0~ 500 (VCC=4.5V)
0~ 400 (VCC=6.0V)
0~ 250 (VCC=9.0V)
ns
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC
MIN.
TYP.
MAX.
MIN.
MAX.
High-Level Control
Input Voltage
VIHC
-
2.0
4.5
9.0
1.5
3.15
6.3
-
-
-
-
-
-
1.5
3.15
6.3
-
-
-
V
Low-Level Control
Input Voltage
VILC
-
2.0
4.5
9.0
-
-
-
-
-
-
0.5
1.35
2.7
-
-
-
0.5
1.35
2.7
V
ON Resistance
RON
VIN=VIHC
VI/O=VCC to GND
VI/O≦1mA
4.5
9.0
-
-
192
110
340
170
-
-
400
200
VIN=VIHC
VI/O=VCC to GND
VI/O≦1mA
2.0
4.5
9.0
-
-
-
320
140
100
-
200
150
-
-
-
-
260
190
Input/Output Leakage Current
(SWITCH OFF)
IOFF
VOS=VCC or GND
VIS=GND or VCC
VIN=VILC
9.0
-
-
±100
-
±1000
Switch Input Leakage
Current (SW ON,
Output OPEN)
IIZ
VOS=VCC or GND
VIN=VIHC
9.0
-
-
±100
-
±1000
nA
Control Input Current
IIN
VIN=VCC or GND
9.0
-
-
±100
-
±1000
Quiscent Device Current
ICC
VIN=VCC or GND
6.0
9.0
-
-
-
1.0
4.0
-
-
10.0
40.0
μ
A
CONTROL
SWITCH FUNCTION
H
ON
L
OFF


Podobny numer części - KIC7S66FU_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_15 Datasheet
39Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results

Podobny opis - KIC7S66FU_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com