Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIC3201S-13 Arkusz danych(PDF) 3 Page - KEC(Korea Electronics)

Numer części KIC3201S-13
Szczegółowy opis  CMOS Linear Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201S-13 Arkusz danych(HTML) 3 Page - KEC(Korea Electronics)

  KIC3201S-13 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201S-13 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201S-13 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201S-13 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201S-13 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2007. 4. 17
3/5
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 10
Absolute Maximum Ratings
Characteristics
Symbol
Rating
Units
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3 ~ VIN+0.3
V
Power Dissipation(Note)
PD (SOT-89)
900
mW
PD (TSM)
Operating Temperature
TOPR
-40 ~ 85
Storage Temperature
TSTG
-65 ~ 150
Note) Package mounted on a ceramic board (600
0.8
)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
-
-
10
V
Output Voltage
VOUT
IOUT=40mA, VIN=VOUT + 1V
VOUT
0.98
VOUT
VOUT
1.02
V
Maximum Output Current
IOUT(MAX)
VOUT=1.2V~1.5V
VOUT
0.9
VIN=2.5V
400
-
-
mA
VOUT=1.6V~2.4V
VOUT
0.9
VIN=VOUT+1V
VOUT=2.5V~2.9V
VOUT
0.93
VIN=VOUT+1V
VOUT=3.0V~6.0V
VOUT
0.96
VIN=VOUT+1V
Load Regulation
Reg Load
1mA
IOUT
200mA, VIN=VOUT+1V
-
40
100
mV
Line Regulation
Reg Line
VOUT +1.0V
VIN
8V, IOUT=40mA
-
0.2
0.3
%/V
Dropout Voltage
VD1
VOUT =1.2~1.7V, IOUT=100mA
-
500
700
mV
VOUT =1.8~2.4V, IOUT=100mA
-
200
300
VOUT =2.5~2.9V, IOUT=100mA
-
170
250
VOUT =3.0~4.9V, IOUT=100mA
-
150
220
VOUT =5.0~6.0V, IOUT=100mA
-
100
180
VD2
VOUT =1.2~1.7V, IOUT=200mA
-
800
1100
mV
VOUT =1.8~2.4V, IOUT=200mA
-
400
600
VOUT =2.5~2.9V, IOUT=200mA
-
320
500
VOUT =3.0~4.9V, IOUT=200mA
-
300
420
VOUT =5.0~6.0V, IOUT=200mA
-
200
320
Supply Current
IDD
VIN=VOUT(T)+1V
-
8
16
Output Voltage
Temperature Characteristics
VOUT
TOPR VOUT
IOUT=40mA, -40
TOPR
85
-
100
-
ppm/
Short Circuit Current
ISC
VIN =VOUT+1V, VOUT = 0V
-
50
-
mA


Podobny numer części - KIC3201S-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC3201S-13 KEC-KIC3201S-13 Datasheet
383Kb / 6P
   CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
KIC3201S-13 KEC-KIC3201S-13 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-13 KEC-KIC3201S-13 Datasheet
385Kb / 5P
   SEMICONDUCTOR
More results

Podobny opis - KIC3201S-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC3210T-018 KEC-KIC3210T-018 Datasheet
478Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
logo
Toshiba Semiconductor
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S58AFE TOSHIBA-TC75S58AFE Datasheet
152Kb / 8P
   CMOS Linear Integrated Circuit Silicon Monolithic
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com