Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAZ12V Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części SMAZ12V
Szczegółowy opis  ZENER DIODE SILICON PLANAR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAZ12V Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  SMAZ12V Datasheet HTML 1Page - KEC(Korea Electronics) SMAZ12V Datasheet HTML 2Page - KEC(Korea Electronics) SMAZ12V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2005. 8. 16
1/3
SEMICONDUCTOR
TECHNICAL DATA
SMAZ3.6V~SMAZ36V
Revision No : 0
Voltage regulation and voltage limiting.
Voltage surge absorption.
FEATURES
・Small surface mounting type.
MAXIMUM RATING (Ta=25
℃)
SMA
DIM
MILLIMETERS
A
B
C
D
E
F
G
4.5 0.2
2.6 0.2
1.5 0.2
5.0 0.3
1.2 0.3
2.0 0.2
0 ~ 0.15
H
R 0.5
B
C
H
1
2
G
+
_
+
_
+
_
+
_
+
_
+
_
1. ANODE
2. CATHODE
ZENER DIODE
SILICON PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Type Name
Marking
Lot No.
Type No.
Mark
Type No.
Mark
Type No.
Mark
SMAZ3.6V
Z3.6
SMAZ8.2V
Z8.2
SMAZ20V
Z20
SMAZ3.9V
Z3.9
SMAZ9.1V
Z9.1
SMAZ22V
Z22
SMAZ4.3V
Z4.3
SMAZ10V
Z10
SMAZ24V
Z24
SMAZ4.7V
Z4.7
SMAZ11V
Z11
SMAZ27V
Z27
SMAZ5.1V
Z5.1
SMAZ12V
Z12
SMAZ30V
Z30
SMAZ5.6V
Z5.6
SMAZ13V
Z13
SMAZ33V
Z33
SMAZ6.2V
Z6.2
SMAZ15V
Z15
SMAZ36V
Z36
SMAZ6.8V
Z6.8
SMAZ16V
Z16
-
-
SMAZ7.5V
Z7.5
SMAZ18V
Z18
-
-


Podobny numer części - SMAZ12V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
SMAZ12 DIODES-SMAZ12 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ12 DIODES-SMAZ12 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Micro Commercial Compon...
SMAZ12 MCC-SMAZ12 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Vishay Siliconix
SMAZ12 VISHAY-SMAZ12 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ12 DIODES-SMAZ12 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

Podobny opis - SMAZ12V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
Z02W2.0V KEC-Z02W2.0V Datasheet
92Kb / 5P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com