Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BUZ342 Arkusz danych(PDF) 4 Page - Siemens Semiconductor Group

Numer części BUZ342
Szczegółowy opis  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Ultra low on-resistance)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ342 Arkusz danych(HTML) 4 Page - Siemens Semiconductor Group

  BUZ342 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ342 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
07/96
BUZ 342
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
60
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
240
Inverse diode forward voltage
VGS = 0 V, IF = 120 A
VSD
-
1.1
1.6
V
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/µs
trr
-
85
-
ns
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
200
-
nC


Podobny numer części - BUZ342

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BUZ34 SIEMENS-BUZ34 Datasheet
171Kb / 6P
   main ratings
logo
Inchange Semiconductor ...
BUZ34 ISC-BUZ34 Datasheet
47Kb / 2P
   SOA is Power Dissipation Limited
logo
Siemens Semiconductor G...
BUZ341 SIEMENS-BUZ341 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ341 INFINEON-BUZ341 Datasheet
93Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Inchange Semiconductor ...
BUZ341 ISC-BUZ341 Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - BUZ342

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BUZ104 SIEMENS-BUZ104 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ101 SIEMENS-BUZ101 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103 SIEMENS-BUZ103 Datasheet
186Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
   SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com