Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDH30D11DMBHF-6R8MC Arkusz danych(PDF) 1 Page - Sumida Corporation

Numer części CDH30D11DMBHF-6R8MC
Szczegółowy opis  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH30D11DMBHF-6R8MC Arkusz danych(HTML) 1 Page - Sumida Corporation

  CDH30D11DMBHF-6R8MC Datasheet HTML 1Page - Sumida Corporation CDH30D11DMBHF-6R8MC Datasheet HTML 2Page - Sumida Corporation CDH30D11DMBHF-6R8MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 2-Apr-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH30D11D/MB
Description
• Ferrite drum core construction.
• Semi-shielded with ferrite powder.
• L
×W×H: 3.2×3.1×1.2 mm Max.
• Product weight: 38mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 4000pcs per reel
Applications
• Ideally used in Mobile phone, PDA, MP3,
DVC/DSC,HDD etc. as DC-DC converter
inductors.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
3.0±0.1
3.
0.
1
1.1±0.1
2.8±0.1
1.0±0.1
2.
0.
1
3.0
1. 1
0 .8
2.
2
2
1
0.67
0.53
560
±20%
15
±20%
Q
CDH30D11DMBHF-150MC
0.80
0.66
360
±20%
10
±20%
N
CDH30D11DMBHF-100MC
1.06
0.79
225
±20%
6.8
±20%
L
CDH30D11DMBHF-6R8MC
1.27
0.96
170
±20%
4.7
±20%
J
CDH30D11DMBHF-4R7MC
1.70
1.15
95
±25%
3.3
±20%
G
CDH30D11DMBHF-3R3MC
1.95
1.40
68
±25%
2.2
±20%
E
CDH30D11DMBHF-2R2MC
2.20
1.63
53
±25%
1.5
±30%
C
CDH30D11DMBHF-1R5NC
2.40
1.96
45
±25%
1.0
±30%
A
CDH30D11DMBHF-1R0NC
Temperature
rise current
(
A) ※3
Saturation
current
(A)
(at 20
℃) ※2
D.C.R. (m
Ω)
[within]
(at 20
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part No.
Halogen
Free


Podobny numer części - CDH30D11DMBHF-6R8MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDH30D11D SUMIDA-CDH30D11D Datasheet
144Kb / 3P
   SMD Power Inductor
CDH30D11DNP-100MC SUMIDA-CDH30D11DNP-100MC Datasheet
144Kb / 3P
   SMD Power Inductor
CDH30D11DNP-150MC SUMIDA-CDH30D11DNP-150MC Datasheet
144Kb / 3P
   SMD Power Inductor
CDH30D11DNP-1R0NC SUMIDA-CDH30D11DNP-1R0NC Datasheet
144Kb / 3P
   SMD Power Inductor
CDH30D11DNP-1R5NC SUMIDA-CDH30D11DNP-1R5NC Datasheet
144Kb / 3P
   SMD Power Inductor
More results

Podobny opis - CDH30D11DMBHF-6R8MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com