Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA35S280-DN Arkusz danych(PDF) 7 Page - Kasin Electronics Corporation

Numer części KA35S280-DN
Szczegółowy opis  Lead-Acid Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KASIN [Kasin Electronics Corporation]
Strona internetowa  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-DN Arkusz danych(HTML) 7 Page - Kasin Electronics Corporation

Back Button KA35S280-DN Datasheet HTML 3Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 4Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 5Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 6Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 7Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 8Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 9Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 10Page - Kasin Electronics Corporation KA35S280-DN Datasheet HTML 11Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
7
- Charge algorithms
- 3-Step voltage charge
This algorithm consists of four phases (figure 4):
1.
Phase1 - Qualification: The charging current is limited at ICOND (=IMAX/5) until the cell
voltage rises to VTH to prevent battery damage. In this condition The KA35S28X enters
the Charge Pending state and waits until the battery voltage rises to VTH. Charge
Pending is annunciated by LED0 and LED3 flashing.
2.
Phase2 - Fast Charge 1: The charging current is limited at IMAX (1.25 IMAX when faster
pin is 0) until the cell voltage rises to VBLK.
3.
Phase3 - Fast Charge 2: The charging voltage is regulated at VBLK until the charging
current drops below IMIN ( 0.1IMAX)
4.
Phase4 - Maintenance: The charging voltage is regulated at VFLT.
V
BLK
V
FLT
V
TH
Time
I
MAX
I
COND
I
MIN
I
FLT
Phase 1
Phase 2
Phase 3
Phase 4
Fast Charge
Maintenance
Voltage
Current
Figure 4
– 3-Step Voltage Charge
- Current charge
This algorithm consists of three phases (figure 5):
1.
Phase1 - Qualification: The charging current is limited at ICOND (=IMAX/5) until the cell
voltage rises to VTH to prevent battery damage. In this condition The KA35S28X enters
the Charge Pending state and waits until the battery voltage rises to VTH. Charge
Pending is annunciated by LED0 and LED3 flashing.
2.
Phase 2 - Fast Charge: The charging current is regulated at IMAX (1.25 IMAX when faster
pin is 0) until the cell voltage rises to VBLK or the “Second Difference” of cell voltage
drops below -8mV while VBAT is over 2.0V.
3.
Phase3 - Maintenance: Fixed-width pulses of charging current = ICOND are modulated in
frequency to achieve an average value of IMIN (0.1IMAX).
V
BLK
V
FLT
V
TH
Time
I
MAX
I
COND
I
MIN
I
FLT
Phase 1
Phase 2
Phase 3
Fast Charge
Maintenance
Voltage
Current
Figure 5
– Current Charge


Podobny numer części - KA35S280-DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

Podobny opis - KA35S280-DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com