Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ICE3BR1465JF Arkusz danych(PDF) 11 Page - Infineon Technologies AG

Numer części ICE3BR1465JF
Szczegółowy opis  Off-Line SMPS Current Mode Controllerwith integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in FullPak
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3BR1465JF Arkusz danych(HTML) 11 Page - Infineon Technologies AG

Back Button ICE3BR1465JF Datasheet HTML 7Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 8Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 9Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 10Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 11Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 12Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 13Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 14Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
CoolSET®-F3R
ICE3BR1465JF
Functional Description
Version 2.1
11
7 May 2011
3.4
Startup Phase
Figure 9
Soft Start
In the Startup Phase, the IC provides a Soft Start
period to control the primary current by means of a duty
cycle limitation. The Soft Start function is a built-in
function and it is controlled by an internal counter.
.
Figure 10
Soft Start Phase
When the VVCC exceeds the on-threshold voltage, the
IC starts the Soft Start mode (see Figure 10).
The function is realized by an internal Soft Start
resistor, an current sink and a counter. And the
amplitude of the current sink is controlled by the
counter (see Figure 11).
Figure 11
Soft Start Circuit
After the IC is switched on, the VSOFTS voltage is
controlled such that the voltage is increased step-
wisely (32 steps) with the increase of the counts. The
Soft Start counter would send a signal to the current
sink control in every 600us such that the current sink
decrease gradually and the duty ratio of the gate drive
increases gradually. The Soft Start will be finished in
20ms (tSoft-Start) after the IC is switched on. At the end of
the Soft Start period, the current sink is switched off.
Figure 12 Gate drive signal under Soft-Start Phase
S o ft-S ta rt
C o m p a ra to r
S o ft S ta rt
&
G 7
C 7
G a te D riv e r
0 .6 8 V
x 3 .3
P W M O P
C S
S o ft S ta rt c o u n te r
S o ft S ta rt
S o ftS
VSoftS
VSoftS2
VSoftS1
5V
RSoftS
Soft Start
Counter
I
2I
4I
SoftS
8I
32I
t
VSOFTS32
VSoftS
Gate
Driver
t
tSoft-Start


Podobny numer części - ICE3BR1465JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR1065JF INFINEON-ICE3BR1065JF_11 Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3BR1765J INFINEON-ICE3BR1765J Datasheet
905Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
More results

Podobny opis - ICE3BR1465JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3B0365J INFINEON-ICE3B0365J_11 Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B2065J INFINEON-ICE3B2065J Datasheet
913Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.7, 9 May 2012
ICE3AR4780JZ INFINEON-ICE3AR4780JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.1a, 11 Jan 2012
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com