Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ICE3BR1465JF Arkusz danych(PDF) 22 Page - Infineon Technologies AG

Numer części ICE3BR1465JF
Szczegółowy opis  Off-Line SMPS Current Mode Controllerwith integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in FullPak
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3BR1465JF Arkusz danych(HTML) 22 Page - Infineon Technologies AG

Back Button ICE3BR1465JF Datasheet HTML 18Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 19Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 20Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 21Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 22Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 23Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 24Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 25Page - Infineon Technologies AG ICE3BR1465JF Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Version 2.1
22
7 May 2011
CoolSET®-F3R
ICE3BR1465JF
Electrical Characteristics
4.3.5
Control Unit
Note:
The trend of all the voltage levels in the Control Unit is the same regarding the deviation except VVCCOVP
and VVCCPD
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Clamped VBA voltage during
Normal Operating Mode
VBAclmp
0.85
0.9
0.95
V
VFB = 4V
Blanking time voltage limit for
Comparator C3
VBKC3
3.85
4.00
4.15
V
Over Load & Open Loop Detection
Limit for Comparator C4
VFBC4
4.28
4.50
4.72
V
Active Burst Mode Level for
Comparator C5
VFBC5
1.13
1.22
1.31
V
Active Burst Mode Level for
Comparator C6a
VFBC6a
3.45
3.60
3.74
V
After Active Burst
Mode is entered
Active Burst Mode Level for
Comparator C6b
VFBC6b
2.97
3.10
3.22
V
After Active Burst
Mode is entered
Overvoltage Detection Limit for
Comparator C1
VVCCOVP1 19.6
20.7
21.7
V
VFB = 5V
Overvoltage Detection Limit for
Comparator C2
VVCCOVP2 25.0
25.5
26.3
V
Auto-restart Enable level at BA pin
for Comparator C9
VAE
0.25
0.33
0.42
V
Charging current at BA pin
IBK
10.1
13.5
16.1
mA
Charge starts after the
built-in 20ms blanking
time elapsed
Thermal Shutdown1)
TjSD
130
140
150
°C
Controller
Built-in Blanking Time for
Overload Protection or enter
Active Burst Mode
tBK
-
20
-
ms
without external
capacitor at BA pin
Inhibit Time for Auto-Restart
enable function during start up
tIHAE
-
1.0
-
ms
Count when VCC>18V
Spike Blanking Time before Auto
Restart Protection
tSpike
-
30
-
ms
1)
The parameter is not subjected to production test - verified by design/characterization


Podobny numer części - ICE3BR1465JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR1065JF INFINEON-ICE3BR1065JF_11 Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controller
Version 2.1, 6 May 2011
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3BR1765J INFINEON-ICE3BR1765J Datasheet
905Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
More results

Podobny opis - ICE3BR1465JF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3B0365J INFINEON-ICE3B0365J_11 Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B2065J INFINEON-ICE3B2065J Datasheet
913Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.7, 9 May 2012
ICE3AR4780JZ INFINEON-ICE3AR4780JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.1a, 11 Jan 2012
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com