Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N0413N-ZK-E2-AY Arkusz danych(PDF) 3 Page - Renesas Technology Corp

Numer części N0413N-ZK-E2-AY
Szczegółowy opis  N-CHANNEL MOSFET FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0413N-ZK-E2-AY Arkusz danych(HTML) 3 Page - Renesas Technology Corp

  N0413N-ZK-E2-AY Datasheet HTML 1Page - Renesas Technology Corp N0413N-ZK-E2-AY Datasheet HTML 2Page - Renesas Technology Corp N0413N-ZK-E2-AY Datasheet HTML 3Page - Renesas Technology Corp N0413N-ZK-E2-AY Datasheet HTML 4Page - Renesas Technology Corp N0413N-ZK-E2-AY Datasheet HTML 5Page - Renesas Technology Corp N0413N-ZK-E2-AY Datasheet HTML 6Page - Renesas Technology Corp N0413N-ZK-E2-AY Datasheet HTML 7Page - Renesas Technology Corp N0413N-ZK-E2-AY Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
N0413N
Chapter Title
R07DS0555EJ0100 Rev.1.00
Page 3 of 6
Nov 07, 2011
Typical Characteristics (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS SAFE
OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
140
0
25
50
75
100 125 150 175
TC - Case Temperature -
°C
0
20
40
60
80
100
120
140
0
25
50
75
100 125
150 175
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
0.1
1
10
100
1000
0.1
1
10
100
RDS(on) Limited
Power Dissipation Limited
TC = 25°C
PW = 300 µs
1 ms
10 ms
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Single pulse
Rth(ch-A) = 83.3°C/W
Rth(ch-C) = 1.05°C/W
PW - Pulse Width - s
0.1 m
1 m
10 m
100 m
1
10
100
1000


Podobny numer części - N0413N-ZK-E2-AY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
N0413N-ZK ISC-N0413N-ZK Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - N0413N-ZK-E2-AY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0603N RENESAS-N0603N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
N0412N RENESAS-N0412N_15 Datasheet
217Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com