Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP210L100-22 Arkusz danych(PDF) 1 Page - Siemens Semiconductor Group

Numer części FP210L100-22
Szczegółowy opis  Differential Magnetoresistive Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIEMENS [Siemens Semiconductor Group]
Strona internetowa  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FP210L100-22 Arkusz danych(HTML) 1 Page - Siemens Semiconductor Group

  FP210L100-22 Datasheet HTML 1Page - Siemens Semiconductor Group FP210L100-22 Datasheet HTML 2Page - Siemens Semiconductor Group FP210L100-22 Datasheet HTML 3Page - Siemens Semiconductor Group FP210L100-22 Datasheet HTML 4Page - Siemens Semiconductor Group FP210L100-22 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
07.96
The differential magnetoresistive sensor FP 210 L 100-22 consists of two series coupled
L-type InSb/NiSb semiconductor resistors. The resistance value of the MRs, which are
mounted onto an insulated ferrite substrate, can be magnetically controlled. The sensor
is encapsulated in a plastic package with three in-line contacts extending from the base.
The basic resistance of the total system in the unbiased state is 2
×100 Ω. A permanent
magnet which supplies a biasing magnetic field is built into the housing.
Type
Ordering Code
FP 210 L 100-22
Q65210-L100-W4
Differential Magnetoresistive Sensor
FP 210 L 100-22
Dimensions in mm
Features
• High operating
temperature
• High output voltage
• Robust cylindrical
housing
• Biasing magnet build in
• Signal amplitude
independent of speed
• Easily connectable
Typical applications
• Detection of speed
• Detection of position
• Detection of sense of
rotation
• Angle encoder
• Linear position sensing


Podobny numer części - FP210L100-22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
FP210L100-22 INFINEON-FP210L100-22 Datasheet
153Kb / 5P
   Differential Magnetoresistive Sensor
2000-07-01
More results

Podobny opis - FP210L100-22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
FP210D250-22 SIEMENS-FP210D250-22 Datasheet
220Kb / 5P
   Differential Magnetoresistive Sensor
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
FP201L100 SIEMENS-FP201L100 Datasheet
170Kb / 5P
   Differential Magnetoresistive Sensor
FP212L100-22 SIEMENS-FP212L100-22 Datasheet
217Kb / 5P
   Differential Magnetoresistive Sensor
logo
Infineon Technologies A...
FP210L100-22 INFINEON-FP210L100-22 Datasheet
153Kb / 5P
   Differential Magnetoresistive Sensor
2000-07-01
FP210D250-22 INFINEON-FP210D250-22 Datasheet
163Kb / 5P
   Differential Magnetoresistive Sensor
1999-04-01
logo
Honeywell Solid State E...
32304118 HONEYWELL-32304118 Datasheet
623Kb / 8P
   Magnetoresistive Sensor ICs
logo
Honeywell Accelerometer...
SM351LT HONEYWELL-ACC-SM351LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
logo
Asahi Kasei Microsystem...
MS0083 AKM-MS0083 Datasheet
460Kb / 8P
   Semiconductor Magnetoresistive Element
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com