Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3USBA225 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3USBA225
Szczegółowy opis  1.8-V Logic Compatibility and Power-Down Mode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USBA225 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TS3USBA225 Datasheet HTML 2Page - Texas Instruments TS3USBA225 Datasheet HTML 3Page - Texas Instruments TS3USBA225 Datasheet HTML 4Page - Texas Instruments TS3USBA225 Datasheet HTML 5Page - Texas Instruments TS3USBA225 Datasheet HTML 6Page - Texas Instruments TS3USBA225 Datasheet HTML 7Page - Texas Instruments TS3USBA225 Datasheet HTML 8Page - Texas Instruments TS3USBA225 Datasheet HTML 9Page - Texas Instruments TS3USBA225 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TS3USBA225
SCDS328
– OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C, typical values are at VCC = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB SWITCH
ron
ON-state resistance
VCC = 3.0 V
VI/O+,I/O- = 0.4 V, ION = 15 mA
6.5
7.5
ON-state resistance match
Δron
VCC = 3.0 V
VI/O+,I/O- = 1.7 V, ION = 15 mA
0.1
between channels
ron (flat)
ON-state resistance flatness
VCC = 3.0 V
VI/O+,I/O- = 0 to 1.7 V, ION = 15 mA
0.5
Switch OFF , VI/O+,I/O- = 0 to 3.6 V, 1789553
IOZ
OFF leakage current
VCC = 3.6 V
1
µA
VD+/R, D-/L = 0 V
AUDIO SWITCH
SEL1=High, SEL2=Low,
ron
ON-state resistance
VCC = 3.0 V
VL/R = -2V, 0V, 0.7V,
2.5
3.5
ION = -26 mA
SEL1=High, SEL2=Low,
ON-state resistance match
Δron
VCC = 3.0 V
0.1
between channels
VL/R = 0.7V, ION = -26 mA
SEL1=High, SEL2=Low,
ron (flat)
ON-state resistance flatness
VCC = 3.0 V
0.1
VL/R = -2V, 0V, 0.7V, ION = -26 mA
Switch OFF, VL/R = 0.7V,
VCC = 2.7 V to 4.3
rSHUNT
Shunt resistance
100
200
V
ISHUNT = 10 mA
DIGITAL CONTROL INPUTS (SEL1, SEL2)
VCC = 2.7 V to 4.3
VIH
Input logic high
1.3
V
V
VCC = 2.7 V to 4.3
VIL
Input logic low
0.4
V
V
VIN = 4.3V
±3
VCC = 2.7 V to 4.3
IIN
Input leakage current
μA
V
VIN = 0V
±0.1
rPD1,
VCC = 2.7 V to 4.3
Internal pulldown resistance
3
M
rPD2
V
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TS3USBA225


Podobny numer części - TS3USBA225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI1-TS3USB221 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221A TI-TS3USB221A Datasheet
730Kb / 16P
[Old version datasheet]   ESD PROTECTED, HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results

Podobny opis - TS3USBA225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5USBA224 TI-TS5USBA224 Datasheet
589Kb / 20P
[Old version datasheet]   USB 2.0 High-Speed (480 Mbps) and Audio Switches with Negative Signal Capability and 1.8-V Logic Compatibility
TS3DV642 TI-TS3DV642_15 Datasheet
1Mb / 30P
[Old version datasheet]   TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
logo
Analog Devices
AD5165 AD-AD5165 Datasheet
569Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165 AD-AD5165_15 Datasheet
575Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5165BUJZ100 AD-AD5165BUJZ100 Datasheet
575Kb / 16P
   256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
logo
List of Unclassifed Man...
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
   Migration and Compatibility Guideline
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
   Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
December 2021 Rev 3
logo
Texas Instruments
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
[Old version datasheet]   TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1412L AD-ADG1412L Datasheet
899Kb / 19P
   1.5 Ω RON, Quad SPST Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com