Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM802128 Arkusz danych(PDF) 1 Page - Micrel Semiconductor

Numer części SM802128
Szczegółowy opis  ClockWorks課? 10GbE Octal 156.25MHz,312.5MHz, Ultra-Low Jitter, LVPECL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802128 Arkusz danych(HTML) 1 Page - Micrel Semiconductor

  SM802128 Datasheet HTML 1Page - Micrel Semiconductor SM802128 Datasheet HTML 2Page - Micrel Semiconductor SM802128 Datasheet HTML 3Page - Micrel Semiconductor SM802128 Datasheet HTML 4Page - Micrel Semiconductor SM802128 Datasheet HTML 5Page - Micrel Semiconductor SM802128 Datasheet HTML 6Page - Micrel Semiconductor SM802128 Datasheet HTML 7Page - Micrel Semiconductor SM802128 Datasheet HTML 8Page - Micrel Semiconductor SM802128 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SM802128
ClockWorks
ΤΜ 10GbE Octal 156.25MHz,
312.5MHz, Ultra-Low Jitter, LVPECL
Frequency Synthesizer
ClockWorks is a trademark of Micrel, Inc
RotaryWave is a registered trademark of Multigig, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 2012
hbwhelp@micrel.com or (408) 955-1690
General Description
The SM802128 is a member of the ClockWorks
™ family of
devices from Micrel and provides an extremely low-noise
timing solution for 10GbE Ethernet clock signals. It is
based upon a unique patented RotaryWave
® architecture
that provides very low phase noise.
The device operates from a 3.3V or 2.5V power supply
and
synthesizes
eight
LVPECL
output
clocks
at
156.25MHz or 312.5MHz. The SM802128 accepts a 25
MHz crystal or LVCMOS reference clock.
Data sheet and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Generates eight LVPECL clocks at 156.25MHz or
312.5MHz
• 2.5V or 3.3V operating range
• Typical phase jitter @ 156.25MHz
(1.875MHz to 20MHz): 110fs with crystal reference
• Industrial temperature range (–40°C to +85°C)
• Green, RoHS, and PFOS compliant
• Available in 44-pin 7mm × 7mm QFN package
________________________________________________________________________________________________________
Block Diagram


Podobny numer części - SM802128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121UMG MICREL-SM802121UMG Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121UMGTR MICREL-SM802121UMGTR Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
More results

Podobny opis - SM802128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Pericom Semiconductor C...
SN10GE156 PERICOM-SN10GE156 Datasheet
554Kb / 2P
   3.3V PECL Low Jitter 156.25MHz 10GbE XO
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Pericom Semiconductor C...
PD10GE156 PERICOM-PD10GE156 Datasheet
870Kb / 2P
   3.3V PECL Low Jitter 156.25MHz 10GbE XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com